Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 57Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 58Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 59Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 60Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 61Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 62Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 63Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 64Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
The RTC must be configured correctly for this mode of operation. Outlined in Table 65
are the settings needed for this mode.
In addition, the time must be set and any other configurations like battery switch-over,
quartz oscillator driving mode, etc., which are dependent on the application.
The sampler circuit shown in Figure 34 will hold invalid data until the mechanical switch
detector mode is enabled. It then requires a minimum of one sample period to initialize
to the current TS pin level. It is recommended to enable the mechanical detector mode
on the TS pin at least 62.5 ms before enabling the TS event mode. Failure to do so can
result in a false first event.
Register
Section
Bit(s)
State
Comment
Pin_IO
Section 7.12
TSPM[1:0]
11
TS pin in input mode
Pin_IO
Section 7.12
TSIM
1
select mechanical switch mode
Pin_IO
Section 7.12
TSL
1
TS pin input is active LOW
STOPM
1
allow TS pin to control STOP
TSRIEA
1
allow timestamps to create interrupts
Function
Section 7.13
ILPA
0
generate interrupt pulses
TSR_mode Section 7.12
TSR2M[2:0]
101
last event mode for timestamp2
Pin_IO
Section 7.12
INTAPM[1:0]
10
output interrupt on INTA
Table 65. Application configuration
Figure 35 shows the waveforms that can be expected. sample clock, vdd_int and stop
are internal nodes. vdd_int is supply which operates the IC and will be either VDD or VBAT,
depending on the state of the battery switch-over.
sample clock, 16 Hz
t2
t4
t6
t3
TS pin
switch SW 1
stop
running
stopwatch
TSR2
INTA
open
open
closed
stopped
running
TSR2 = t4
TS pin sampled
vdd_int
floating
VSS
t5
aaa-010561
t1
Figure 35. Application example timing
• At and before t1, SW1 is open (TS pin floating). The TS pin is sampled and the internal
pull-up resistor will pull the pin HIGH to vdd_int. No actions are taken by the IC.
• At t2, SW1 is still open. No action is taken by the IC.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
61 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com