Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 78Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 79Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 80Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 81Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 82Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 83Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 84Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 85Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 86Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description ...................................................5
Tab. 4.
RTC mode time registers .................................. 7
Tab. 5.
Stop-watch mode time registers ........................8
Tab. 6.
Control and function registers overview ............ 9
Tab. 7.
Time and date registers in RTC mode
(RTCM = 0) .....................................................10
Tab. 8.
BCD coding .....................................................11
Tab. 9.
Weekday assignments .................................... 12
Tab. 10. Month assignments in BCD format ..................12
Tab. 11. Time registers in stop-watch mode (RTCM
= 1) ..................................................................14
Tab. 12. Alarm1 and alarm2 registers in RTC mode
coded in BCD (RTCM = 0) ..............................15
Tab. 13. Alarm_enables- alarm enable control
register (address 10h) bit description .............. 16
Tab. 14. Alarm1 and alarm2 registers in stop-watch
mode coded in BCD (RTCM = 1) ....................19
Tab. 15. Alarm_enables- alarm enable control
register (address 10h) bit description .............. 19
Tab. 16. WatchDog - WatchDog control and register
(address 2Dh) bit description .......................... 22
Tab. 17. WatchDog durations ........................................22
Tab. 18. RAM_byte - 8-bit RAM register (address
2Ch) bit description ......................................... 24
Tab. 19. TSR_mode - timestamp mode control
register (address 23h) bit description .............. 25
Tab. 20. Timestamp registers in RTC mode (RTCM
= 0) ..................................................................27
Tab. 21. timestamp registers in stop-watch mode
(RTCM = 1) .....................................................28
Tab. 22. Offset - offset register (address 24h) bit
description ....................................................... 29
Tab. 23. OFFM bit - oscillator control register
(address 25h) .................................................. 29
Tab. 24. Offset values ................................................... 30
Tab. 25. Correction pulses for OFFM = 0 ......................30
Tab. 26. Correction pulses for OFFM = 1 ......................31
Tab. 27. INTA and INTB interrupt control bits ................33
Tab. 28. Definition of interrupt control bits .....................33
Tab. 29. Oscillator - oscillator control register
(address 25h) bit description ...........................37
Tab. 30. CLKIV bit - oscillator control register
(address 25h) .................................................. 37
Tab. 31. 12_24 bit - oscillator control register
(address 25h) .................................................. 37
Tab. 32. LOWJ bit - oscillator control register
(address 25h) .................................................. 37
Tab. 33. OSCD[1:0] bits - oscillator control register
(address 25h) .................................................. 38
Tab. 34. CL[1:0] bits - oscillator control register
(address 25h) .................................................. 38
Tab. 35. IO pin behavior in battery mode ......................39
Tab. 36. Battery_switch - battery switch control
(address 26h) bit description ...........................39
Tab. 37. BSOFF bit - battery switch control (address
26h) bit description ..........................................39
Tab. 38. BSRR bit - battery switch control (address
26h) bit description ..........................................40
Tab. 39. BSM[1:0] bits - battery switch control
(address 26h) bit description ...........................40
Tab. 40. Battery switch-over modes ..............................40
Tab. 41. BSTH - battery switch control (address
26h) bit description ..........................................44
Tab. 42. Pin_IO- pin input output control register
(address 27h) bit description ...........................44
Tab. 43. CLKPM bit - Pin_IO control register
(address 27h) .................................................. 44
Tab. 44. TSPULL bit - Pin_IO control register
(address 27h) .................................................. 45
Tab. 45. TSL bit - Pin_IO control register (address
27h) ................................................................. 45
Tab. 46. TSPM[1:0] bits - Pin_IO control register
(address 27h) .................................................. 45
Tab. 47. TSIM bit - Pin_IO control register (address
27h) ................................................................. 46
Tab. 48. INTAPM[1:0] bits - Pin_IO control register
(address 27h) .................................................. 47
Tab. 49. INTA battery mode .......................................... 48
Tab. 50. Function - chip function control register
(address 28h) bit description ...........................48
Tab. 51. 100TH bit - Function control register
(address 28h) .................................................. 48
Tab. 52. PI[1:0] bits - Function control register
(address 28h) .................................................. 48
Tab. 53. RTCM bit - Function control register
(address 28h) .................................................. 49
Tab. 54. RTC time counting modes ...............................49
Tab. 55. STOPM bit - Function control register
(address 28h) .................................................. 49
Tab. 56. Oscillator stop control when STOPM = 1 .........50
Tab. 57. COF[2:0] bits - Function control register
(address 28h) .................................................. 50
Tab. 58. Clock duty cycles ............................................ 51
Tab. 59. Flags - Flag status register (address 2Bh)
bit description .................................................. 51
Tab. 60. Reset - software reset control (address
2Fh) bit description ......................................... 52
Tab. 61. Registers reset values .....................................53
Tab. 62. Stop_enable - control of STOP bit (address
2Eh) .................................................................55
Tab. 63. Counter stop signal ......................................... 55
Tab. 64. I2C slave address byte ................................... 60
Tab. 65. Application configuration ................................. 61
Tab. 66. Limiting values ................................................ 63
Tab. 67. Static characteristics ....................................... 63
Tab. 68. I2C-bus characteristics ....................................68
Tab. 69. SnPb eutectic process (from J-STD-020D) ..... 75
Tab. 70. Lead-free process (from J-STD-020D) ............75
Tab. 71. Selection of Real-Time Clocks ........................ 79
Tab. 72. Abbreviations ...................................................79
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
83 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com