Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 53Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 54Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 55Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 56Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 57Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 58Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 59Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 60Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
• address counter will roll over to address 00h
• set time to 000000:00:00.00
• end I2C access
7.17 64 byte RAM
In addition to the single RAM byte, there is a 64 byte RAM available from address 40h to
7Fh. The RAM can be written and read when the device is powered from VDD. The RAM
content is backed-up when the device is powered from VBAT, but cannot be accessed as
the interface is disabled.
The address pointer is set during interface initiation and will auto increment after each
byte access. The pointer will wrap around from address 7Fh to 40h after the last byte is
accessed, (see Figure 5).
8 I2C-bus interface
The I2C-bus is for bidirectional, two-line communication between different ICs. The two
lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor. Data transfer may be initiated only
when the bus is not busy. Both data and clock lines remain HIGH when the bus is not
busy. The PCF85363A acts as a slave receiver when being written to and as a slave
transmitter when being read from.
Remark: When on VBAT power, the interface is not accessible.
aaa-010487
Write
ACK from
slave
S
A
A
A
P
slave address + 0
write data
write data
write data
A
S
A
A
A
P
read data
read data
read data
A
Read
ACK from
slave
ACK from
slave
ACK from
master
slave address + 1
ACK from
slave
ACK from
slave
ACK from
master
ACK from
slave
Figure 32. I2C read and write protocol
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
57 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com