Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 12Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 13Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 14Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 15Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 16Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 17Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 18Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 19Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Modules List
Freescale Semiconductor
16
SSI-1
SSI-2
I2S/SSI/AC97
Interface
Slave
Connectivity
Peripherals
The SSI is a full-duplex synchronous interface used on the i.MX50 processor
to provide connectivity with off-chip audio peripherals. The SSI interfaces
connect internally to the AUDMUX for mapping to external ports. The SSI
supports a wide variety of protocols (SSI normal, SSI network, I2S, and
AC-97), bit depths (up to 24 bits per word), and clock/frame sync options.
Each SSI has two pairs of 8 x 24 FIFOs and hardware support for an external
DMA controller in order to minimize its impact on system performance. The
second pair of FIFOs provides hardware interleaving of a second audio
stream, which reduces CPU overhead in use cases where two time slots are
being used simultaneously.
Temperature
Monitor
Temp Sensor
Analog
The temperature sensor is an internal module to the i.MX50 that monitors the
die temperature.
UART-1
UART-2
UART-3
UART-4
UART-5
UART Interface,
ver. 2
Slave
Connectivity
Peripherals
Each of the UARTv2 modules supports the following serial data
transmit/receive protocols and configurations:
• 7 or 8-bit data words, 1 or 2 stop bits, programmable parity (even, odd, or
none)
• Programmable bit-rates up to 4 Mbps. This is a higher max baud rate
relative to the 1.875 Mbps, which is specified by the TIA/EIA-232-F
standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting auto-baud
• IrDA 1.0 support (up to SIR speed of 115200 bps)
USB-OH-1
USB 2.0
High-Speed
OTG-capable
and Host ports
Master
Connectivity
Peripherals
USB-OH-1 supports USB2.0 HS/FS/LS, and contains:
• One high-speed OTG-capable module with integrated HS USB PHY
• One high-speed Host module with integrated HS USB PHY
WDOG-1
Watch Dog
Timer
Peripherals
The Watchdog (WDOG) timer module protects against system failures by
providing a method of escaping from unexpected events or programming
errors. The WDOG Timer supports two comparison points during each
counting period. Each of the comparison points is configurable to invoke an
interrupt to the ARM core, and a second point invokes an external event on
the WDOG line.
XTALOSC
Crystal
Oscillator I/F
Clocking
The XTALOSC module combined with an external 24 MHz crystal with load
capacitors implements a crystal oscillator.
Table 4. i.MX50 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com