Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 37Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 38Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 39Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 40Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 41Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 42Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 43Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 44Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
41
4.5
I/O AC Parameters
The load circuit and output transition time waveforms are shown in Figure 4 and Figure 5. The AC
electrical characteristics for slow and fast I/O are presented in the Table 27 and Table 28, respectively.
Note that the fast or slow I/O behavior is determined by the appropriate control bit in the IOMUX control
registers.
Figure 4. Load Circuit for Output
Figure 5. Output Transition Time Waveform
4.5.1
GPIO I/O Slow AC Parameters
Table 27 shows the AC parameters for GPIO slow I/O.
Table 27. GPIO I/O Slow AC Parameters
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (Max Drive)
tr, tf
15 pF
35 pF
1.91/1.52
3.07/2.65
ns
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
2.22/1.81
3.81/3.42
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
2.88/2.42
5.43/5.02
ns
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
4.94/4.50
10.55/9.70
ns
Output Pad Slew Rate (Max Drive)1
tps
15 pF
35 pF
0.5/0.65
0.32/0.37
V/ns
Output Pad Slew Rate (High Drive)
tps
15 pF
35 pF
0.43/0.54
0.26/0.41
V/ns
Output Pad Slew Rate (Medium Drive)
tps
15 pF
35 pF
0.34/0.41
0.18/0.2
V/ns
Output Pad Slew Rate (Low Drive)
tps
15 pF
35 pF
0.20/0.22
0.09/0.1
V/ns
Output Pad di/dt (Max Drive)
tdit
30
mA/ns
Test point
From output
CL
CL includes package, probe and fixture capacitance
Under test
0V
NVCC
20%
80%
80%
20%
tr
tf
Output (at I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com