Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 1 Page - NXP Semiconductors

  MCIMX503CVM8B Datasheet HTML 1Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 2Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 3Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 4Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: IMX50CEC
Rev. 7, 10/2013
MCIMX50
Package Information
Plastic Package
Case 416 MAPBGA 13 x 13 mm, 0.5 mm pitch
Case 416 PoPBGA 13 x 13 mm, 0.5 mm pitch
Case 400 MAPBGA 17 x 17 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 7 for ordering information.
© 2011–2013 Freescale Semiconductor, Inc. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required
to permit improvements in the design of its products.
1
Introduction
The i.MX50 applications processors are
multimedia-focused products offering high-performance
processing optimized for lowest power consumption.
The i.MX50 processors are Freescale Energy Efficiency
Solutions products.
The i.MX50 is optimized for portable multimedia
applications and features Freescale’s advanced
implementation of the ARM Cortex-A8® core, which
operates at speeds as high as 1 GHz. The i.MX50
provides a powerful display architecture, including a 2D
Graphics Processing Unit (GPU) and Pixel Processing
Pipeline (ePXP). Additionally, the i.MX50 includes a
complete integration of the electrophoretic display
function. The i.MX50 supports DDR2, LPDDR2, and
LPDDR1 DRAM at clock rate up to 266 MHz to enable
a range of performance and power trade-offs.
The flexibility of the i.MX50 architecture allows it to be
used in a variety of applications. As the heart of the
i.MX50 Applications
Processors for
Consumer Products
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Product Overview . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3.
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
1.4.
Part Number Feature Comparison . . . . . . . . . . . . . 8
1.5.
Package Feature Comparison . . . . . . . . . . . . . . . . 9
2.
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.1.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1.
Special Signal Considerations . . . . . . . . . . . . . . . 17
4.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 20
4.1.
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . 21
4.2.
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
4.3.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 31
4.4.
Output Buffer Impedance Characteristics . . . . . . 37
4.5.
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 41
4.6.
System Modules Timing . . . . . . . . . . . . . . . . . . . . 48
4.7.
External Interface Module (EIM) . . . . . . . . . . . . . . 60
4.8.
DRAM Timing Parameters . . . . . . . . . . . . . . . . . . 68
4.9.
External Peripheral Interfaces . . . . . . . . . . . . . . . 73
5.
Package Information and Contact Assignments . . . . . 101
5.1.
13 x 13 mm, 0.5 mm Pitch, 416 Pin MAPBGA Package
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
5.2.
13 x 13 mm, 0.5 mm Pitch, 416 Pin PoPBGA Package
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
5.3.
17 x 17 mm, 0.8 mm Pitch, 400 Pin MAPBGA Package
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
5.4.
Signal Assignments . . . . . . . . . . . . . . . . . . . . . . 124
6.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134


Similar Part No. - MCIMX503CVM8B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX503CVM8B FREESCALE-MCIMX503CVM8B Datasheet
2Mb / 134P
i.MX50 Applications Processors for Consumer Products
More results

Similar Description - MCIMX503CVM8B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
i.MX53xD Applications Processors for Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
i.MX50 Applications Processors for Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com