Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 10Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 11Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 12Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 13Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 14Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 15Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 16Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
Modules List
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
13
eSDHCv3-3
(eMMC 4.4)
Ultra-High-
Speed
Multi-Media
Card/
Secure Digital
card host
controller, ver. 3
Master
Connectivity
Peripherals
Ultra High-Speed eSDHC, enhanced to support eMMC 4.4 standard
specification, for 832 Mbps.
IP is backward compatible to eSDHCv2 IP. See complete features listing in
eSDHCv2 entry below.
Port 3 is specifically enhanced to support eMMC 4.4 specification, for double
data rate (832 Mbps, 8-bit port).
eSDHCv2-1
eSDHCv2-2
eSDHCv2-4
Enhanced
Multi-Media
Card/
Secure Digital
Host Controller,
ver. 2
In Enhanced Multi-Media Card/Secure Digital Host Controller the Ports 1, 2,
and 4 are compatible with the
MMC System Specification version 4.3, full
support
The generic features of the eSDHCv2 module, when serving as SD/MMC
host, include the following:
• Can be configured either as SD/MMC controller
• Supports eSD and eMMC standard, for SD/MMC embedded type cards
• Conforms to
SD Host Controller Standard Specification version 2.0, full
support
• Compatible with the SD Memory Card Specification version 1.1
• Compatible with the SDIO Card Specification version 1.2
• Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD
Combo, MMC and MMC RS cards
• Configurable to work in one of the following modes:
—SD/SDIO 1-bit, 4-bit
—MMC 1-bit, 4-bit, 8-bit
• Full/High speed mode
• Host clock frequency variable between 32 kHz to 52 MHz
• Up to 200 Mbps data transfer for SD/SDIO cards using four parallel data
lines
• Up to 416 Mbps data transfer for MMC cards using eight parallel data lines
FEC
Fast Ethernet
Controller
Master
Connectivity
Peripherals
The Ethernet Media Access Controller (MAC) is designed to support both
10 Mbps and 100 Mbps Ethernet/IEEE Std 802.3™ networks. An external
transceiver interface and transceiver function are required to complete the
interface to the media.
GPIO-1
GPIO-2
GPIO-3
GPIO-4
GPIO-5
GPIO-6
General
Purpose I/O
Modules
Slave
Connectivity
Peripherals
These modules are used for general purpose input/output to external ICs.
Each GPIO module supports up to 32 bits of I/O.
GPT
General
Purpose Timer
Timer
Peripherals
Each GPT is a 32-bit
free-running or set and forget mode timer with a
programmable prescaler and compare and capture register. A timer counter
value can be captured using an external event, and can be configured to
trigger a capture event on either the leading or trailing edges of an input pulse.
When the timer is configured to operate in “set and forget” mode, it is capable
of providing precise interrupts at regular intervals with minimal processor
intervention. The counter has output compare logic to provide the status and
interrupt at comparison. This timer can be configured to run either on an
external clock or on an internal clock.
Table 4. i.MX50 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com