Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 15Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 16Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 17Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 18Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 19Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 20Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 21Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 22Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
Modules List
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
19
PMIC_RDY
This input may be used by a PMIC to signal to the i.MX50 that the PMIC supply outputs are at
operating levels when resuming from STOP mode. The PMIC_RDY input is pin muxed on ALT3
of the I2C3_SCL pin and is in the NVCC_MISC domain.
POP_EMMC_RST
(416 PoPBGA Only)
This pin is the PoP eMMC 4.4 Reset pin. The customer may connect this on their PCB to any
free GPIO, or just leave floating for non-4.4 eMMC. This pin does not connect to the i.MX50 die.
POP_LPDDR2_ZQ0/ZQ1
(416 PoPBGA Only)
These pins connect to the PoP LPDDR2 DRAM ZQ pins and should be connected on the
customer PCB to a 240
Ω 1% resistor to ground if used. These pins do not connect to the
i.MX50 die.
POP_LPDDR2_1.8V
(416 PoPBGA Only)
These pins are the 1.8 V supply for the PoP LPDDR2 DRAM. These pins do not connect to the
i.MX50 die.
POP_NAND_VCC
(416 PoPBGA Only)
This is the 3.3V I/O and memory supply for the PoP eMMC. Note that most eMMC can operate
with a 1.8V I/O or a 3.3V I/O voltage. However, because we tied the eMMC memory and I/O
domains together, you can't use the 1.8 V I/O option for the PoP eMMC, only 3.3 V I/O.
POR_B
This POWER-ON RESET input is a cold reset negative logic input that resets all modules and
logic in the IC. The POR_B pin should have an external 68 K pull-up to NVCC_RESET and a
1
μF capacitor to ground.
Note: The POR_B input must be immediately asserted at power-up and remain asserted until
after the last power rail is at its working voltage.
RESET_IN_B
This warm reset negative logic input resets all modules and logic except for the following:
• Test logic (JTAG, IOMUXC, DAP)
•SRTC
• Cold reset logic of WDOG—Some WDOG logic is only reset by POR_B. See WDOG
chapter in the
MCIMX50 Applications Processor Reference Manual (MCIMX50RM) for
details.
SSI_EXT1_CLK,
SSI_EXT2_CLK
The SSI_EXT1_CLK and SSI_EXT2_CLK outputs are recommended for generating a clock
output from the i.MX50. Use of the CKO1 and CKO2 clock outputs is not recommended, as the
large number of combinational logic muxes on those signals will impact jitter and duty-cycle.
Note that these two clock outputs do not have dedicated pins: SSI_EXT1_CLK is IOMUX ALT3
on the OWIRE pin, and SSI_EXT2_CLK is IOMUX ALT3 of the EPITO pin.
TEST_MODE
TEST_MODE is for Freescale factory use only. This signal is internally connected to an on-chip
pull-down device. The user must either float this signal or tie it to GND.
USB_H1_GPANAIO,
USB_OTG_GPANAIO
These signals are reserved for Freescale manufacturing use only. Users should float these
outputs.
USB_H1_RREFEXT,
USB_OTG_RREFEXT
These signals determine the reference current for the USB PHY bandgap reference. An
external 6.04 k
Ω 1% resistor to GND is required. This resistor should be connected through a
short (low impedance connection) and placed away from other noisy regions.
If USB_H1 is not used, the H1 RREFEXT resistor may be eliminated and the pin left floating.
If USB_OTG is not used, the OTG RREFEXT resistor may be eliminated and the pin left
floating.
Table 5. Special Signal Considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com