Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 24Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 25Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 26Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 27Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 28Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 29Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 30Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 31Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Electrical Characteristics
Freescale Semiconductor
28
4.1.5.1
Conditions for Stop Mode Current and Power Consumption
•
ARM core in STOP mode and power gated
•
VDDGP, VCC, and VDDA/VDDAL1 voltages at suspend levels
•
VDD3P0, VDD2P5, VDD1P8, and VDD1P2 powered off
•
USB_VDDA25 and USB_VDDA33 powered off
Table 15. Maximum Supply Current Consumption—ARM CLK = 1 GHz
Condition
Supply
Voltage (V)
Current (mA) Power (mW)
•Ta = 70
°C
• ARM core in Run mode
• ARM CLK = 1GHz
• SYS CLK = 266 MHz
• AHB CLK = 133 MHz
• DDR CLK = 266 MHz
• All voltages operating at maximum
levels
• External (MHz) crystal and on-chip
oscillator enabled
• All modules enabled
VDDGP
1.35
1000
1350
VCC
1.275
220
280.5
VDDA/VDDAL1
1.35
40
54
VDD1P2
1.3
15
19.5
VDD1P8
1.95
3
5.9
VDD2P51
1 During eFuse programming, the maximum current on VDD2P5 will exceed these values. See Table 13 on page 26 for the
maximum VDD2P5 current during eFuse programming.
2.75
2
5.5
VDD3P0
3.3
2
6.6
NVCC_EMI_DRAM
1.95
8.3
16.17
VDD_DCDCi
1.95
0.021
0.041
USB_OTG_VDDA33 +
USB_H1_VDDA33
3.6
10.8
38.8
VDDO25 + USB_OTG_VDDA25 +
USB_H1_VDDA25
2.75
12.45
34.239
NVCC_RESET
3.1
0.226
0.701
NVCC_SRTC
1.3
0.0035
0.0045
Total
—
—
1812
Table 16. Stop Mode Current and Power Consumption 1
1 The typical power, at Ta = 25°C, will be < 1 mW, including all supplies. Total max power, at Ta=25°C, will not exceed 2.5 mW,
including all supplies.
Supply
Voltage (V)
Current (mA)
Typical, Ta = 25
°CMax, Ta = 25°C
VDDGP
0.85
0.057
0.198
VCC
0.95
0.544
1.890
VDDA/VDDAL1
0.95
0.071
0.247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com