Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 3Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 4Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 10Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
Introduction
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
7
1.3
Ordering Information
Table 1 provides the ordering information.
Table 1. Ordering Information
Part Number
Maximum
ARM CLK
Frequency
Mask
Set
Features
Temperature
Range (
°C)
Package1
1 Case MAPBGA is RoHS compliant, lead-free MSL (Moisture Sensitivity Level) 3.
Tambient Tjunction
MCIMX508CVK1B
1 GHz
N78A Full Specification
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 MAPBGA
MCIMX508CVM1B
1 GHz
N78A Full Specification
0 to 70
0 to 90
17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX508CVK8B
800 MHz
N78A Full Specification
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 MAPBGA
MCIMX508CZK8B
800 MHz
N78A Full Specification
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 PoPBGA
MCIMX508CVM8B
800 MHz
N78A Full Specification
0 to 70
0 to 90
17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX507CVM1B
1 GHz
N78A No GPU
0 to 70
0 to 90
17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX507CVK1B
1 GHz
N78A No GPU
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 MAPBGA
MCIMX507CVM8B
800 MHz
N78A No GPU
0 to 70
0 to 90
17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX507CVK8B
800 MHz
N78A No GPU
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 MAPBGA
MCIMX503CVK8B
800 MHz
N78A No EPD controller
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 MAPBGA
MCIMX503CVM8B
800 MHz
N78A No EPD controller
0 to 70
0 to 90
17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX503EVM8B
800 MHz
N78A No EPD controller,
Extended Temperature
-20 to 70 -20 to 90 17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX502CVK8B
800 MHz
N78A No GPU, no EPD controller
0 to 70
0 to 90
13 x 13 mm, 0.5 mm pitch BGA
Case: 416 MAPBGA
MCIMX502CVM8B
800 MHz
N78A No GPU, no EPD controller
0 to 70
0 to 90
17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA
MCIMX502EVM8B
800 MHz
N78A No GPU, no EPD controller,
Extended Temperature
-20 to 70 -20 to 90 17 x 17 mm, 0.8 mm pitch BGA
Case: 400 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com