Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 10Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 11Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 12Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
Introduction
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
9
1.5
Package Feature Comparison
Table 3 provides an overview of the feature and pin differences between the i.MX50 packages.
Table 3. Package Feature Comparison
Package
Dimensions
I/O Pin Differences
Versus 416 MAPBGA
Notes on Package Differences
416 MAPBGA 13 x 13 mm,
0.5 mm pitch
—
• USB_OTG_VDDA25 and USB_H1_VDDA25 are shorted
together on the 416 MAPBGA package substrate.
• USB_OTG_VDDA33 and USB_H1_VDDA33 are shorted
together on the 416 MAPBGA package substrate.
416 PoPBGA 13 x 13 mm,
0.5 mm pitch
Deleted Pins:
DRAM_A10
DRAM_A11
DRAM_A12
DRAM_A13
DRAM_A14
DRAM_CAS
DRAM_OPEN
DRAM_OPENFB
DRAM_RAS
DRAM_SDBA0
DRAM_SDBA1
DRAM_SDBA2
DRAM_SDCLK_1
DRAM_SDCLK_1_B
DRAM_SDODT0
DRAM_SDODT1
DRAM_SDWE
DRAM_OPEN
DRAM_OPENFB
Added Pins:
POP_EMMC_RST
POP_LPDDR2_ZQ0
POP_LPDDR2_ZQ1
POP_LPDDR2_1.8V
POP_NAND_VCC
• The i.MX50 PoPBGA package supports 168-FBGA
LPDDR2 DRAM memory only. It is not possible to support
LPDDR1 or DDR2 on the i.MX50 PoPBGA.
• i.MX50 PoPBGA was designed to accommodate a
combined LPDDR2 / eMMC PoP memory. The PoP eMMC
device uses the SD3_DATA[7:0], SD3_CLK, and
SD3_CMD pins. Because the PoP eMMC I/O and memory
supplies are tied together on the substrate, 1.8 V eMMC
I/O operation is not supported for the PoP eMMC device.
POP_NAND_VCC and NVCC_NANDF must use a 3 V
supply.
• The NVCC_EMI_DRAM power pins supply 1.2 V power to
the i.MX50 DRAM controller as well as the PoP LPDDR2
DRAM.
• Additional PoP package pin descriptions may be found in
the Special Signals Considerations section (Table 5).
• On the PoPBGA package, the DRAM Address, Data, and
clock pins are routed to the bottom balls for Freescale test
purposes only. It is recommended that these bottom
DRAM pins are left unconnected on the customer PCB.
• USB_OTG_VDDA25 and USB_H1_VDDA25 are shorted
together on the 416 PoPBGA package substrate.
• USB_OTG_VDDA33 and USB_H1_VDDA33 are shorted
together on the 416 PoPBGA package substrate.
400 MAPBGA 17 x 17 mm,
0.8 mm pitch
Deleted Pins:
DRAM_SDCLK_1
DRAM_SDCLK_1_B
DRAM_A14
DRAM_SDODT1
UART2_CTS
UART2_RTS
• USB_OTG_VDDA25 and USB_H1_VDDA25 are
independent and NOT shorted together on the 400
MAPBGA package substrate.
• USB_OTG_VDDA33 and USB_H1_VDDA33 are
independent and NOT shorted together on the 400
MAPBGA package substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com