Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 2Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 3Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 4Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Introduction
Freescale Semiconductor
6
•USB:
— One High Speed (HS) USB 2.0 OTG-capable port with integrated HS USB PHY
— One High Speed (HS) USB 2.0 host port with integrated HS USB PHY
•
Miscellaneous interfaces:
— One-wire (OWIRE) port
— Two I2S/SSI/AC97 ports, supporting up to 1.4 Mbps each connected to the Audio Multiplexer
(AUDMUX) providing four external ports
— Five UART RS232 ports, up to 4.0 Mbps each
— Two eCSPI (Enhanced CSPI) ports, up to 66 Mbps each plus CSPI port, up to 16.6 Mbps
—Three I2C ports, supporting 400 kbps
— Fast Ethernet controller IEEE 802.3, 10/100 Mbps
— Key pad port (KPP)
— Two pulse width modulators (PWM)
— GPIO with interrupt capabilities
— Secure JTAG controller (SJC)
The system supports efficient and smart power control and clocking:
•
Supporting DVFS techniques for low power modes, including auto slow architecture
•
Power gating-SRPG (state retention power gating) for ARM core and NEON
•
Support for various levels of system power modes
•
Flexible clock gating control scheme
•
On-chip temperature monitor
•
On-chip 32 kHz and 24 MHz oscillators
•
A total of four PLLs with the fourth PLL providing up to eight independently controllable outputs,
improving the ease of clocking control, especially for display and connectivity modules
Security functions are enabled and accelerated by the following hardware:
•
Secure JTAG controller (SJC)—Protecting JTAG from debug port attacks by regulating or
blocking the access to the system debug features
•
Secure real-time clock (SRTC)—Tamper resistant RTC with dedicated power domain and
mechanism to detect voltage and clock glitches
•
Advanced high assurance boot (A-HAB)—HAB with the next embedded enhancements:
SHA-256, 2048-bit RSA key, version control mechanism, warm boot, CSU, and TZ initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com