Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 13Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 14Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 15Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 16Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 17Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 18Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 19Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 20Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 136 page
background image
Modules List
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
17
3.1
Special Signal Considerations
Table 5 lists special signal considerations for the i.MX50. The signal names are listed in alphabetical
order. The package contact assignments are found in Section 5, “Package Information and Contact
Assignments.” The signal descriptions are defined in the MCIMX50 Applications Processor Reference
Manual (MCIMX50RM).
Table 5. Special Signal Considerations
Signal Name
Remarks
BOOT_MODE0,
BOOT_MODE1
These two input pins are sampled out of reset and set the boot mode. For Internal boot, they
should be set to 00. For Internal Fuse Only boot, they should be set to 10. For USB
downloader, they should be set to 11. The BOOTMODE pins are in the NVCC_RESET domain
and include an internal 100K pull-up resistor at start-up.
BOOT_CONFIG1[7:0],
BOOT_CONFIG2[7:0],
BOOT_CONFIG3[7:0]
These 24 pins are the GPIO boot override pins and may be driven at power up to select the
boot mode. They are sampled 4 x CKIL clock cycles after POR is de-asserted. Consult the
“System Boot” chapter of the Reference Manual for more details.
Note that these are not dedicated pins: the BOOT_CONFIG pins appear over 24 pins of the
EIM interface.
BT_LPB_FREQ[1:0]
If the LOW_BATT_GPIO (UART4_TXD) is asserted at power up, the BT_LPB_FREQ[1:0] pins
will be sampled to determine the ARM core frequency. Consult the “System Boot” chapter of
the Reference Manual for more details.
Note that these are not dedicated pins: BT_LPB_FREQ0 appears on SSI_TXFS and
BT_LPB_FREQ1 appears on SSI_TXC.
CHGR_DET_B
This is the USB Charger Detect pin. It is an open drain output pin that expects a 100 K pull-up.
This pin is asserted low when a USB charger is detected on the OTG PHY DP and DM. This
detection occurs with the application of VBUS. This pin is a raw sensor output and care must
be taken to follow the system timings outlined in the USB charger specification Rev 1.1. The
maximum current leakage at this pin is 8.5
μA. This pin can be controlled by software control
as well. If not used, this pin should be tied to ground or left floating.
CKIH
This is an input to the CAMPs (Clock Amplifiers), which include on-chip AC-coupling
precluding the need for external coupling capacitors. The CAMPs are enabled by default, but
the main clocks feeding the on-chip clock tree are sourced from XTAL/EXTAL by default.
Optionally, the use of a low jitter external oscillators to feed CKIH (while not required) can be
an advantage if low jitter or special frequency clock sources are required by modules sourced
by CKIH. See CCM chapter in the
MCIMX50 Applications Processor Reference Manual
(MCIMX50RM) for details on the respective clock trees.
After initialization, the CAMPs may be disabled if not used by programming the CCR
CAMPx_EN field. If disabled, the on-chip CAMP output is low and the input is irrelevant. CKIH
is on the NVCC_JTAG power domain, so the input clock amplitude should not exceed
NVCC_JTAG.
If unused, the user should tie CKIH to GND for best practice.
CKIL/ECKIL
The user must tie a fundamental mode 32.768 K crystal across ECKIL and CKIL. The target
ESR should be 50 K or less. The bias resistor for the amplifier is integrated and approximately
14 M
Ω. The target load capacitance for the crystal is approximately 10 pF. The load capacitors
on the board should be slightly less than double this value after taking parasitics into account.
While driving in an external 32 KHz signal into ECKIL, CKIL should be left floating so that it
biases. A differential amplifier senses these two pins to propagate the clock inside the
i.MX508. Care must be taken to minimize external leakages on ECKIL and CKIL. If they are
significant to the 14 M
Ω feedback or 1 μA, then loss of oscillation margin or cessation of
oscillation may result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com