Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 59Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 60Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 61Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 62Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 63Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 64Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 65Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 66Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
63
4.7.2
Examples of EIM Accesses
Figure 19, Figure 20, Figure 21, Figure 22, Figure 23, and Figure 24 give a few examples of basic EIM
accesses to external memory devices with the timing parameters mentioned previously for specific control
parameters settings.
Figure 19. Synchronous Memory Read Access, WSC=1
2 EIM_BCLK parameters are being measured from the 50% point that is, high is defined as 50% of signal value and low is defined
as 50% as signal value.
3 For signal measurements High is defined as 80% of signal value and Low is defined as 20% of signal value.
Last Valid Address
Address v1
D(v1)
EIM_BCLK
EIM_ADDR
EIM_DATA
EIM_RW
EIM_LBA
EIM_OE
EIM_EBx
EIM_CSx
Next Address
WE4
WE5
WE6
WE7
WE10
WE11
WE13
WE12
WE14
WE15
WE18
WE19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com