Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 2 Page - NXP Semiconductors

  MCIMX503CVM8B Datasheet HTML 1Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 2Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 3Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 4Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Introduction
Freescale Semiconductor
2
application chipset, the i.MX50 provides a rich set of interfaces for connecting peripherals, such as
WLAN, Bluetooth™, GPS, and displays.
1.1
Product Overview
The i.MX50 is designed to enable high-tier portable applications by satisfying the performance
requirements of advanced operating systems and applications.
1.1.1
Dynamic Performance Scaling
Freescale’s dynamic voltage and frequency scaling (DVFS) allows the device to run at much lower voltage
and frequency with ample processing capacity for tasks, such as audio decode, resulting in significant
power reduction.
1.1.2
Multimedia Processing Powerhouse
The multimedia performance of the i.MX50 processor ARM Cortex-A8 core is boosted by a multi-level
cache system, a NEON™ coprocessor with SIMD media processing architecture and 32-bit
single-precision floating point support, and two vector floating point coprocessors. The system is further
enhanced by a programmable smart DMA (SDMA) controller.
1.1.3
Powerful Display System
The i.MX50 includes support for both standard LCD displays as well as electrophoretic displays (e-paper).
The display subsystem consists of the following modules:
•
Electrophoretic Display Controller (EPDC) (i.MX508 only)
The EPDC is a feature-rich, low power, and high-performance direct-drive active matrix EPD
controller. It is specifically designed to drive E-INKTM EPD panels, supporting a wide variety of
TFT architectures. The goal of the EPDC is to provide an efficient SoC integration of this
functionality for e-paper applications, allowing a significant bill of materials cost savings over an
external solution while reaching much higher levels of performance and lower power. The EPDC
module is defined in the context of an optimized hardware/software partitioning and works in
conjunction with the ePXP (see Section 1.1.4, “Graphics Accelerators”).
•
Enhanced LCD Controller Interface (eLCDIF)
The eLCDIF is a high-performance LCD controller interface that supports a rich set of modes and
allows interoperability with a wide variety of LCD panels, including DOTCK/RGB and smart
panels. The module also supports synchronous operation with the ePXP to allow the processed
frames to be passed from the ePXP to the eLCDIF through an on-chip SRAM buffer. The eLCDIF
can support up to 32-bit interfaces.
1.1.4
Graphics Accelerators
Integrated graphics accelerators offload processing from the ARM processor, enabling high performance
graphic applications at minimum power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com