Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 28Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 29Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 30Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 31Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 32Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 33Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 34Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 35Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Electrical Characteristics
Freescale Semiconductor
32
High-level output current
(1.1-1.3V ovdd)
I
Ioh
Voh=0.8*OVDD
Low Drive
Medium Drive
High Drive
Max Drive
-0.85
-1.7
-2.5
-3.4
——
mA
Low-level output current (1.1-1.3V
ovdd)
I
Iol
Vol=0.2*OVDD
Low Drive
Medium Drive
High Drive
Max Drive
0.9
1.9
2.9
3.8
——
mA
High-level output current
(1.65-3.1V ovdd)
I
Ioh
Voh=0.8*OVDD
Low Drive
Medium Drive
High Drive
Max Drive
-2.1
-4.2
-6.3
-8.4
——
mA
Low-level output current
(1.65-3.1V ovdd)
I
Iol
Vol=0.2*OVDD
Low Drive
Medium Drive
High Drive
Max Drive
2.1
4.2
6.3
8.4
——
mA
High-Level DC input voltage 1
VIH
—
0.7*OVDD
—
OVDD
V
Low-Level DC input voltage
VIL
—
0V
—
0.3*OVDD
V
Input Hysteresis
VHYS
OVDD=1.875
OVDD=2.775
0.25
0.34
0.45
—V
Schmitt trigger VT+ 2
VT+
—
0.5*OVDD
—
—
V
Schmitt trigger VT-
VT-
—
—
—
0.5*OVDD
V
Pull-up resistor (22 K
Ω PU)
Rpu
Vi=OVDD/2
20
24
28
K
Ω
Pull-up resistor (47 K
Ω PU)
Rpu
Vi=OVDD/2
43
51
59
K
Ω
Pull-up resistor (100 K
Ω PU)
Rpu
Vi=OVDD/2
91
108
125
K
Ω
Pull-down resistor (100 K
Ω PD)
Rpd
Vi=OVDD/2
91
108
126
K
Ω
Input current (no pull-up/down)
IIN
VI = 0
VI=OVDD
—1.7
250
120
nA
Input current (22 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
161
0.12
μA
Input current (47 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
76
0.12
μA
Input current (100 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
36
0.12
μA
Table 18. GPIO DC Electrical Characteristics (continued)
DC Electrical Characteristics
Symbol
Test Conditions
MIN
Typ
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com