Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 66Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 67Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 68Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 69Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 70Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 71Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 72Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 73Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Electrical Characteristics
Freescale Semiconductor
70
4.8.2
DRAM Command and Address Output Timing—LPDDR2
The following diagrams and tables specify the timings related to the address and command pins, which
interface LPDDR2 memory devices.
Table 46. EMI Command/Address AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR1
CK cycle time
tCK
3.75
—
ns
DDR2
CK high level width
tCH
0.48 tCK
0.52 tCK
ns
DDR3
CK low level width
tCL
0.48 tCK
0.52 tCK
ns
DDR4
Control output setup time
tIS
0.5 tCK
- 0.3
—ns
DDR5
Control output hold time
tIH
0.5 tCK
- 0.3
—ns
DDR6
CK >= 200 MHz
Address output setup time
tIS
0.5 tCK
- 1.3
—ns
DDR7
CK >= 200 MHz
Address output hold time
tIH
0.5 tCK
- 1.3
—ns
DDR6
CK < 200 MHz
Address output setup time
tIS
1
—
ns
DDR7
CK < 200 MHz
Address output hold time
tIH
1
—
ns
Figure 29. DRAM Command/Address Output Timing—LPDDR2
DRAM_SDCLK
DRAM_SDCLK_B
DRAM_CS0
DRAM_A[9:0]
DDR1
DDR2
DDR3
DDR4
DDR5
rise
fall
DDR6
DDR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com