Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 21Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 22Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 23Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 24Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 25Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 26Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 27Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 28Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
25
NVCC_JTAG
GPIO digital power supplies
1.65
1.875 or
2.775
3.1
V
NVCC_EMI_DRAM
DDR supply DDR2/LPDDR1 range
1.71
1.8
1.95
V
DDR supply LPDDR2 range
1.14
1.2
1.3
V
VREF
DRAM Reference Voltage Input
1/2
NVCC_E
MI_DRAM
VDDO25
EMI Pad Predriver supply
2.375
2.5
2.625
V
NVCC_NANDF
NVCC_SD1
NVCC_SD2
NVCC_KEYPAD
NVCC_EIM
NVCC_EPDC
NVCC_LCD
NVCC_MISC
NVCC_SPI
NVCC_SSI
NVCC_UART
High voltage I/O (HVIO) supplies
HVIO_L
HVIO_H
1.65
2.7
1.875
3.0
1.95
3.3
V
NVCC_SRTC
SRTC core and I/O supply (LVIO)
1.1
1.2
1.3
V
NVCC_RESET
LVIO
1.65
1.875 or
2.775
3.1
V
USB_H1_VDDA25
USB_OTG_VDDA254
USB_PHY analog supply
2.25
2.5
2.75
V
USB_H1_VDDA33
USB_OTG_VDDA335
USB PHY I/O analog supply
3.0
3.3
3.6
V
VBUS
See Table 7 and Table 78 for details. This is not
a power supply.
——
—
—
TA
Ambient Temperature, Consumer
0
—
70
oC
TA
Extended Ambient Temperature, Consumer
-20
—
70
oC
Tj
Junction Temperature, Consumer
0
—
90
oC
Tj
Extended Junction Temperature, Consumer
-20
—
90
oC
1 Voltage at the package power supply contact must be maintained between the minimum and maximum voltages. The design
must allow for supply tolerances and system voltage drops.
2 The nominal values for the supplies indicate the target setpoint for a tolerance no tighter than ± 50 mV. Use of supplies with a
tighter tolerance allows reduction of the setpoint with commensurate power savings.
3 VCC minimum voltage is 1.02 V for extended temperature (-20°C) devices.
4 USB_OTG_VDDA25 and USB_H1_VDDA25 are shorted together on the 416 MAPBGA and 416 PoPBGA package substrates.
5 USB_OTG_VDDA33 and USB_H1_VDDA33 are shorted together on the 416 MAPBGA and 416 PoPBGA package substrates.
Table 11. i.MX50 Operating Ranges (continued)
Symbol
Parameter
Minimum1
Nominal2
Maximum1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com