Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 3 Page - NXP Semiconductors

  MCIMX503CVM8B Datasheet HTML 1Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 2Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 3Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 4Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Introduction
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
3
•
Pixel Processing Pipeline (ePXP)
The ePXP is a high-performance pixel processor capable of 1 pixel/clock performance for
combined operations, such as color-space conversion, alpha blending, gamma mapping, and
rotation. The ePXP is enhanced with features specifically for grayscale applications working in
conjunction with the electrophoretic display controller to form a full grayscale display solution. In
addition, the ePXP supports traditional pixel/frame processing paths for still-image and video
processing applications, allowing it to interface with the integrated LCD controller (eLCDIF).
•
Graphics acceleration
The i.MX50 provides a 2D graphics accelerator with performance up to 200 Mpix/s.
1.1.5
Multilevel Memory System
The multilevel memory system of the i.MX50 is based on the L1 instruction and data caches, L2 cache,
and internal and external memory. The i.MX50 supports many types of external memory devices,
including DDR2, LPDDR2, LPDDR1, NOR Flash, PSRAM, Cellular RAM, NAND Flash (MLC and
SLC) and OneNAND™, and managed NAND including eMMC up to rev. 4.4.
1.1.6
Smart Speed™ Technology
The i.MX50 device has power management throughout the SOC that enables the rich suite of multimedia
features and peripherals to consume minimum power in both active and various low power modes. Smart
Speed technology enables the designer to deliver a feature-rich product that requires levels of power that
are far less than industry expectations.
1.1.7
Interface Flexibility
The i.MX50 supports connection to a variety of interfaces, including an LCD controller for displays, two
high-speed USB on-the-go-capable PHYs, multiple expansion card ports (high-speed MMC/SDIO host
and others), 10/100 Ethernet controller, and a variety of other popular interfaces (for example, UART, I2C,
and I2S serial audio).
1.1.8
Advanced Security
The i.MX50 delivers hardware-enabled security features, such as High-Assurance Boot 4 (HAB4) for
signed/authenticated firmware images, basic DRM support with random private keys and AES
encryption/decryption, and storage and programmability of on-chip fuses.
1.2
Features
The i.MX50 applications processor is based on the ARM Cortex-A8 platform and has the following
features:
•
MMU, L1 instruction cache, and L1 data cache
•
Unified L2 cache
•
800 MHz or 1 GHz target frequency of the core (including NEON, VFPv3, and L1 cache)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com