Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 5 Page - NXP Semiconductors

  MCIMX503CVM8B Datasheet HTML 1Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 2Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 3Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 4Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 5Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 6Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 7Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 8Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
Introduction
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
5
–GPU 2D
–SDMA
– USBOH1 (USB OTG and host controller complex)
– FEC Ethernet controller
•
MAX AHB crossbar (133 MHz)—This connects the various AHB bus sub-segments in the system
and provides decode into the following slaves:
— IP-Bus 1 (66 MHz)—This bus segment contains peripherals accessible by the ARM core and
without DMA capability
— IP-Bus 2 (66 MHz)—This bus segment contains peripherals accessible by the ARM core and
without DMA capability
— APBH DMA bridge (133 MHz)—The APBH DMA bridge is a master to the MAX for its
memory-side DMA operations. The APBH bus is an AMBA APB slave bus providing
peripheral access to many of the high-speed IP blocks on the i.MX50.
•
IP-Bus 3 (66 MHz)—This third peripheral bus segment contains peripherals accessible by the
ARM core and SDMA and as such houses peripherals with DMA capability. The IP-Bus 3 can be
accessed by the ARM CPU through IP-Bus 1 and SPBA.
•
Quality of service controller (QoSC)—This provides both soft and dynamic arbitration/priority
control. The QoSC works in conjunction with the critical display modules such as the eLCDIF and
EPDC to provide dynamic priority control, based on real-time metrics.
The i.MX50 makes use of dedicated hardware accelerators to achieve state-of-the-art multimedia
performance. The use of hardware accelerators provides both high performance and low power
consumption, while freeing up the CPU core for other tasks.
The i.MX50 incorporates the following hardware accelerators:
•
GPU2Dv1—2D Graphics accelerator, OpenVG 1.1, 200 Mpix/s performance
•
ePXP—enhanced PiXel Processing Pipeline off loading key pixel processing operations required
to support both LCD and EPD display applications
The i.MX50 includes the following interfaces to external devices:
NOTE
Not all the interfaces are available simultaneously depending on I/O
multiplexer configuration.
•Displays:
— EPDC (i.MX508 Only)—Supporting direct-driver TFT backplanes beyond 2048
× 1536 at
106 Hz refresh (or 4096
× 4096 at 20 Hz)
— eLCDIF—Supporting beyond SXGA + (1400
× 1050) at 60 Hz resolutions with up to a 32-bit
display interface
— On the i.MX508, both displays can be active simultaneously. If both displays are active, the
eLCDIF only provides a 16-bit interface due to pin muxing.
•
Expansion cards:
— Four SD/MMC card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com