Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 69Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 70Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 71Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 72Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 73Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 74Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 75Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 76Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
73
NOTE
The timing parameter DDR20(tDQSCK) is not strictly required by this
DRAM MC design.
4.9
External Peripheral Interfaces
The following sections provide information on external peripheral interfaces.
4.9.1
AUDMUX Timing Parameters
The AUDMUX provides programmable interconnect logic for voice, audio and data routing between
internal serial interfaces (SSIs) and external serial interfaces (audio and voice codecs). The AC timing of
AUDMUX external pins is hence governed by the SSI module.
4.9.2
CSPI and eCSPI Timing Parameters
This section describes the timing parameters of the CSPI and eCSPI modules. The CSPI and eCSPI have
separate timing parameters for master and slave modes. The nomenclature used with the CSPI/eCSPI
modules and the respective routing of these signals is shown in Table 49.
DDR21
DQS to DQ input skew
tDQSQ
—
0.65
ns
DDR22
DQS to DQ input hold time
tQH
0.45 tCK
-0.85
—ns
Table 49. CSPI Nomenclature and Routing
Module
I/O Access
eCSPI1
GPIO, KPP, DISP0_DAT, CSI0_DAT, and EIM_D through IOMUX
eCSPI2
DISP0_DAT, CSI0_DAT, and EIM through IOMUX
CSPI
DISP0_DAT, EIM_A/D, SD1, and SD2 through IOMUX
Table 48. DDR2 Input AC Timing
ID
Description
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com