Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 27Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 28Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 29Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 30Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 31Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 32Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 33Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 34Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
31
2. OSCNT. This register is in the CCM block and may be set to a maximum of 256 x 32 kHz cycles,
or 8 msec. This counter is intended to give the 24MHz clock time to start up and stabilize.
If the PMIC_RDY input is used and BYPASS_PMIC_VFUNCTIONAL_READY = 0, the i.MX50 will
wait for STBY_COUNT cycles after PMIC_STBY_REQ negation before checking PMIC_RDY status.
Once the STBY_COUNT has expired AND the PMIC_RDY signal has been asserted, the OSCNT counter
begins and the 24MHz oscillator is powered up. After OSCNT expires the processor will enter RUN mode.
If the PMIC_RDY input is not used, the processor will attempt to start the 24 MHz oscillator after
STBY_COUNT expires. So at a minimum, all the supplies necessary to start up the 24 MHz oscillator need
to be powered before STBY_COUNT expires: NVCC_SRTC,VDD1P2, VDD1P8, VDD2P5, VDD3P0.
After STBY_COUNT expires, the OSCNT counter begins and the 24 MHz oscillator is powered up. After
OSCNT expires the processor will enter RUN mode, so all other supplies need to be at the appropriate
operating levels before OSCNT expires.
4.3
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
•
General Purpose I/O and High-Speed General Purpose I/O (GPIO)
•
Double Data Rate 2 (DDR2)
•
Low Power Double Data Rate 2 (LPDDR2)
•
Low Power Double Data Rate 1(LPDDR1)
•
Low Voltage I/O (LVIO)
•
High Voltage I/O (HVIO)
•
Secure Digital Host Controllers (eSDHCv2 and eSDHCv3)
•
USB-OTG and USB Host ports
NOTE
The term OVDD in this section refers to the associated supply rail of an
input or output.
4.3.1
GPIO I/O DC Parameters
The parameters in Table 18 are guaranteed per the operating ranges in Table 11, unless otherwise noted.
Table 18. GPIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
MIN
Typ
MAX
Units
High-level output voltage
Voh
Ioh=-1mA
Ioh=spec’ed Drive
OVDD-0.15
0.8*OVDD
——
V
Low-level output voltage
Vol
Iol=1mA
Iol=specified Drive
——
0.15
0.2*OVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com