Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 97Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 98Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 99Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 100Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 101Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 102Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 103Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 104Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
101
4.9.11.4
USB VBUS Parameters
Table 78 lists the USB VBUS input parameters.
5
Package Information and Contact Assignments
This section includes the contact assignment information and mechanical package drawing.
5.1
13 x 13 mm, 0.5 mm Pitch, 416 Pin MAPBGA Package Information
This section contains the outline drawing, signal assignment map, ground, power, reference ID (by ball
grid location) for the 13 x 13 mm, 0.5 mm pitch, 416 pin MAPBGA package.
Jitter (peak-peak)
<1.2 MHz
0
—
50
ps
Jitter (peak-peak)
>1.2 MHz
0
—
100
ps
Duty-cycle
Reference Clock
frequency 24 MHz
40
—
60
%
Table 78.
VBUS Comparators Thresholds
Parameter
Conditions
Min
Typ
Max
Unit
A-Device Session Valid Comparator
Threshold
—0.8
1.4
2.0
V
B-Device Session Valid Comparator
Threshold
—0.8
1.4
4.0
V
B-Device Session End Comparator
Threshold
—
0.2
0.45
0.8
V
VBUS Valid Comparator Threshold1
1 For VBUS maximum rating, see Table 7.
—
4.4
4.6
4.75
V
VBUS for CHGR_DET_B Operation
—
3.0
—
—
V
VBUS Input Current
VBUS = 5.25 V
—
—
350
μA
Table 77. USB PHY System Clocking Parameters (continued)
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com