Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 99Page - STMicroelectronics SPC572L64F2 Datasheet HTML 100Page - STMicroelectronics SPC572L64F2 Datasheet HTML 101Page - STMicroelectronics SPC572L64F2 Datasheet HTML 102Page - STMicroelectronics SPC572L64F2 Datasheet HTML 103Page - STMicroelectronics SPC572L64F2 Datasheet HTML 104Page - STMicroelectronics SPC572L64F2 Datasheet HTML 105Page - STMicroelectronics SPC572L64F2 Datasheet HTML 106Page - STMicroelectronics SPC572L64F2 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
DocID027866 Rev 5
103/112
SPC572Lx
Revision history
111
03-Apr-2013
2
(cont.)
Table 13 (I/O pull-up/pull-down DC electrical characteristics):
In row |IWPU| changed to Weak pull-up current absolute value
In row |IWPU| (P) condition changed to VIN <VIH =0.69*VDD_HV_IO,
4.5 V < VDD_HV_IO <5.5 V.
In row |IWPU| (P) minimum changed to 23 µA; maximum value deleted.
In row |IWPD| (P) minimum deleted; maximum value changed to 130 µA.
In row |IWPD| (P) condition changed to VIN >VIH =0.69*VDDE, 4.5 V < VDD <5.5 V.
Deleted: |IWPU| (T) at VIN =0V, 3.0V< VDD_HV_IO <4.0 V.
Added |IWPU| (T) at VIN >VIL = 0.49*VDDE, 4.5 V < VDD <5.5 V.
Added |IWPU| (T) at VIN >VIL =1.1 V(TTL), 4.5 V < VDD <5.5 V.
Added RWPU (Weak pull-up resistance).
Deleted: |IWPD| (T) at VIN =VDD_HV_IO, 3.0 V < VDD_HV_IO <4.0 V.
Added |IWPD| (T) at VIN <VIL = 0.49*VDDE, 4.5 V < VDD <5.5 V.
Added |IWPD| (T) at VIN <VIL =0.9 V(TTL), 4.5 V < VDD <5.5 V.
Added RWPD (Weak pull-down resistance).
Table 14 (WEAK configuration output buffer electrical characteristics):
Added footnote 4.
Specification changes:
In row ROH_W condition changed to 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <0.5 mA.
In row ROL_W condition changed to 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <0.5 mA.
In row tTR_W condition CL =25pF, 4.0V<VDD_HV_IO < 5.9 V changed to CL =25pF,
4.5 V < VDD_HV_IO <5.9 V
In row tTR_W condition CL =50pF, 4.0V<VDD_HV_IO < 5.9 V changed to CL =50pF,
4.5 V < VDD_HV_IO <5.9 V
In row tTR_W condition CL = 200 pF, 4.0 V < VDD_HV_IO < 5.9 V changed to CL = 200 pF,
4.5 V < VDD_HV_IO <5.9 V
Table 15 (MEDIUM configuration output buffer electrical characteristics):
Added footnote 4.
In ROH_M condition changed to 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <2mA.
In ROL_M condition changed to 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <2mA.
In tTR_M condition changed to CL =25pF, 4.5V<VDD_HV_IO <5.9 V.
In tTR_M condition changed to CL =50pF, 4.5V<VDD_HV_IO <5.9 V.
In tTR_M condition changed to CL = 200 pF, 4.5 V < VDD_HV_IO <5.9 V.
Table 16 (STRONG configuration output buffer electrical characteristics):
Added footnote 4.
In ROH_S condition changed to 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <8mA.
IN ROL_S condition changed to 4.5 V < VDD_HV_IO < 5.9 V, Push pull, IOH <8mA.
In tTR_S condition changed to CL =50pF, 4.5V<VDD_HV_IO <5.9 V.
In tTR_S condition changed to CL = 200 pF, 4.5 V < VDD_HV_IO <5.9 V.
In tTR_S condition CL =50pF, 4.5V< VDD_HV_IO <5.9 V.
Table 17 (VERY STRONG configuration output buffer electrical characteristics):
Removed footnote: For specification per Electrical Physical Layer Specification 3.0.1...
Section 3.9, I/O pad current specification:
Changed Note In order to ensure ... remain below 10%. changed to ...below 50%.
Table 19 (Reset electrical characteristics)
Added footnote to row IOL_R: IOL_R applies to both PORST and ESR0...
In row IOL_R condition changed to Device under power-on reset,
3.0 V < VDD_HV_IO < 5.5 V, VOL >1.0 V.
In row IOL_R minimum for conditions Device under power-on reset,
3.0 V < VDD_HV_IO < 5.5 V, VOL >1.0 V changed to12 mA.
Table 23 (Internal RC oscillator electrical specifications):
In row tstart_T Parameter Classification changed to D (was T).
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com