Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 103Page - STMicroelectronics SPC572L64F2 Datasheet HTML 104Page - STMicroelectronics SPC572L64F2 Datasheet HTML 105Page - STMicroelectronics SPC572L64F2 Datasheet HTML 106Page - STMicroelectronics SPC572L64F2 Datasheet HTML 107Page - STMicroelectronics SPC572L64F2 Datasheet HTML 108Page - STMicroelectronics SPC572L64F2 Datasheet HTML 109Page - STMicroelectronics SPC572L64F2 Datasheet HTML 110Page - STMicroelectronics SPC572L64F2 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
DocID027866 Rev 5
107/112
SPC572Lx
Revision history
111
18-May-2015
3
(cont.)
Table 14 (WEAK configuration output buffer electrical characteristics):
“4.5 V < VDD_HV_IO < 5.9 V” replaced by “4.5 V < VDD_HV_IO < 5.5 V” in ROH_W and
ROL_W rows.
Minimum values of ROH_W and ROL_W changed from “560” to “520”
Replaced “VDD_HV_IO_FLEX” with “VDD_HV_IO_ETH” in note below the table.
Table 15 (MEDIUM configuration output buffer electrical characteristics):
Added note to the conditions column.
“4.5 V < VDD_HV_IO < 5.9 V” replaced by “4.5 V < VDD_HV_IO < 5.5 V” in ROH_M and
ROL_Mrows.
Replaced “VDD_HV_IO_FLEX” with “VDD_HV_IO_ETH” in note below the table.
Minimum values of ROH_M and ROL_M changed from “140” to “120”
Table 16 (STRONG configuration output buffer electrical characteristics):
Added note to the conditions column.
“4.5 V < VDD_HV_IO < 5.9 V” replaced by “4.5 V < VDD_HV_IO < 5.5 V” in ROH_S and ROL_S
rows.
Replaced “VDD_HV_IO_FLEX” with “VDD_HV_IO_ETH” in note below the table.
Minimum values of ROH_S and ROL_S changed from “35” to “30”
Updated the minimum values of tTR_S
Table 17 (VERY STRONG configuration output buffer electrical characteristics):
Added note to the conditions column.
Updated ROH_V and ROL_V rows.
Removed footnotes:
• Refer to FlexRay section for...
• 20–80% transition time...
Updated the minimum values of tTR_V
Removed “EBI output driver electrical characteristics” table.
Table 18 (I/O consumption):
Added a footnote to the table.
Removed footnote: Data based on simulation results...
Updated all the condition rows of the table.
Table 19 (Reset electrical characteristics):
Replaced minimum value of “300” with “275” in the VHYS row.
Replaced “0.9 V” with “1.0 V” in the in the condition column of IOL_R row.
Replaced minimum value of “11” with “12” in the IOL_R row.
Updated IWPU and IWPD rows.
Table 20 (PLL0 electrical characteristics):
Added fPLL0PHI1 and fPLL0FREE symbols.
Replaced maximum value of “100” with “80” in the fPLL0PHI0 row.
In footnote: PLL0IN clock retrieved... the second sentence now reads Input
characteristics are granted when using XOSC.
In fPLL0IN added a second note to parameter column.
Updated maximum value of fPLL0LOCK.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com