Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 104Page - STMicroelectronics SPC572L64F2 Datasheet HTML 105Page - STMicroelectronics SPC572L64F2 Datasheet HTML 106Page - STMicroelectronics SPC572L64F2 Datasheet HTML 107Page - STMicroelectronics SPC572L64F2 Datasheet HTML 108Page - STMicroelectronics SPC572L64F2 Datasheet HTML 109Page - STMicroelectronics SPC572L64F2 Datasheet HTML 110Page - STMicroelectronics SPC572L64F2 Datasheet HTML 111Page - STMicroelectronics SPC572L64F2 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
Revision history
SPC572Lx
108/112
DocID027866 Rev 5
18-May-2015
3
(cont.)
Table 21 (External oscillator electrical specifications):
Updated the minimum and maximum values of fXTAL.
Updated VIHEXT, VILEXT, gm, and IXTAL.
Added VHYS.
Table 22 (Selectable load capacitance):
Updated the table.
Table 23 (Internal RC oscillator electrical specifications):
Removed IAVDD5, and IDVDD12 rows.
Updated parameter column of
δfvar_SW.
Table 24 (ADC pin specification):
Removed ILK_IN symbol.
Added VREF_BG_T, VREF_BG_TC, and VREF_BG_LR symbols.
Updated conditions column of IBG symbol.
Removed the table footnote “Leakage current is a....”
Added
ΣIADR
Updated ILK_INUD, ILK_INUSD, ILK_INREF, and ILK_INOUT.
Replaced maximum value of “6.5” with “8.5” for CS.
Table 25 (SARn ADC electrical specification):
Updated conditions, minimum, and maximum columns of VALTREF.
Updated parameter, conditions, and maximum columns of IADCREFH.
Replaced the maximum value of “1” with “+8” in IADCREFH symbol (power down mode).
Replaced “IADCVDD” with “IADV_S” and updated its conditions and maximum columns.
Updated minimum and maximum columns of DNL.
Table 26 (SDn ADC electrical specification):
In the fADCD_M symbol replaced “S/D clock 3” with “S/D modulator Input clock”.
Added minimum value of “4”.
Updated the maximum values of
|δGAIN|
Replaced the unit values of “dB” with “dBFS” in the SNRDIFF150, SNRDIFF333, and
SNRSE150 symbols.
Replaced the unit values of “dB” with “dBc” in SFDR symbol.
Added CMRR symbol and replaced the minimum value of “20” with “54”.
Added RCaaf and Frolloff symbols.
Updated the maximum values of IADV_D and ΣIADR_D.
Removed
ΣIADR_D.
Replaced maximum value of “2*
δGROUP” with “δGROUP” for tLATENCY.
Replaced maximum value of “15” with “
16” for GAIN.
Added IADCS/D_REFH.
Updated the minimum, typical and maximum values of ZIN.
Table 27 (Temperature sensor electrical characteristics):
Added rows:
• temperature monitoring range
• temperature sensitivity (TSENS)
• temperature accuracy (TACC)
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com