Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9986 Datasheet HTML 28Page - Analog Devices AD9986 Datasheet HTML 29Page - Analog Devices AD9986 Datasheet HTML 30Page - Analog Devices AD9986 Datasheet HTML 31Page - Analog Devices AD9986 Datasheet HTML 32Page - Analog Devices AD9986 Datasheet HTML 33Page - Analog Devices AD9986 Datasheet HTML 34Page - Analog Devices AD9986 Datasheet HTML 35Page - Analog Devices AD9986 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
AD9986
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 32 of 37
Figure 60. Harmonics (HD2 and HD3) vs. Input Frequency with AIN = −1 dBFS,
Full Bandwidth Mode
Figure 61. Two-Tone IMD3 vs. AIN with fIN1 = 5.375 GHz, fIN2 = 5.425 GHz, Full
Bandwidth Mode
Figure 62. SFDR vs. Frequency with AIN = −1 dBFS Between Direct External
RF Clock = 6 GHz and PLL Clock Multiplier Enabled with Reference Input of
125 MHz, Full Bandwidth Mode
Figure 63. Harmonics (HD2 and HD3) vs. Frequency with AIN = −9 dBFS, Full
Bandwidth Mode
Figure 64. SNR vs. Input Frequency with AIN = −1 dBFS, Full Bandwidth Mode
Figure 65. SNR vs. Frequency with AIN = −1 dBFS with DAC On/Off and PLL
On/Off Between Direct External RF Clock = 6 GHz and PLL Clock Multiplier
Enabled with Reference Input of 125 MHz, Full Bandwidth Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com