Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9986 Datasheet HTML 24Page - Analog Devices AD9986 Datasheet HTML 25Page - Analog Devices AD9986 Datasheet HTML 26Page - Analog Devices AD9986 Datasheet HTML 27Page - Analog Devices AD9986 Datasheet HTML 28Page - Analog Devices AD9986 Datasheet HTML 29Page - Analog Devices AD9986 Datasheet HTML 30Page - Analog Devices AD9986 Datasheet HTML 31Page - Analog Devices AD9986 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
AD9986
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 28 of 37
ADC
Nominal supplies, fADC = 6 GSPS with DAC clock frequency (fCLK) = 12 GHz direct RF clock. ADC datapath with a complex I/Q data rate
(fIQ_DATA) = 3000 MSPS and decimation of 2x. JTx mode of 16C (L = 8, M = 4, F = 1, S = 1, K = 256, E = 1, N = 16, NP = 16), TJ = 80°C (TA =
25°C), 128,000 sample FFT with five averages, and AIN = −1 dBFS, unless otherwise noted.
Figure 36. Single-Tone FFT at fIN = 450 MHz,
NCO = fADC/4
Figure 37. Single-Tone FFT at fIN = 900 MHz,
NCO = fADC/4
Figure 38. Single-Tone FFT at fIN = 1800 MHz,
NCO = fADC/4
Figure 39. Single-Tone SNR and SFDR vs. Input Amplitude (AIN) at fIN = 450
MHz, Full Bandwidth Mode
Figure 40. Single-Tone SNR and SFDR vs. AIN at fIN = 900 MHz, Full
Bandwidth Mode
Figure 41. Single-Tone SNR and SFDR vs. AIN at fIN = 1800 MHz, Full
Bandwidth Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com