Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 4 Page - Analog Devices

  AD9986 Datasheet HTML 1Page - Analog Devices AD9986 Datasheet HTML 2Page - Analog Devices AD9986 Datasheet HTML 3Page - Analog Devices AD9986 Datasheet HTML 4Page - Analog Devices AD9986 Datasheet HTML 5Page - Analog Devices AD9986 Datasheet HTML 6Page - Analog Devices AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 37
RECOMMENDED OPERATING CONDITIONS
Successful DAC calibration is required during the device initialization phase that occurs shortly after power-up to ensure long-term reliability of
the DAC core circuitry. Refer to UG-1578, the device user guide, for more information on device initialization.
Table 1.
Parameter
Min
Typ
Max
Unit
OPERATING JUNCTION TEMPERATURE (TJ)
−40
+120
°C
ANALOG SUPPLY VOLTAGE RANGE
AVDD2, BVDD2, RVDD2
1.9
2.0
2.1
V
AVDD1, AVDD1_ADC, CLKVDD1, FVDD1, VDD1_NVG
0.95
1.0
1.05
V
DIGITAL SUPPLY VOLTAGE RANGE
DVDD1, DVDD1_RT, DCLKVDD1, DAVDD1
0.95
1.0
1.05
V
DVDD1P8
1.7
1.8
2.1
V
SERIALIZER/DESERIALIZER (SERDES) SUPPLY VOLTAGE RANGE
SVDD2_PLL
1.9
2.0
2.1
V
SVDD1, SVDD1_PLL
0.95
1.0
1.05
V
POWER CONSUMPTION
Typical at nominal supplies and maximum at 5% supplies. For the minimum and maximum values, TJ varies between −40°C and +120°C. For
the typical values, TA = 25°C, which corresponds to TJ = 80°C, unless otherwise noted.
DAC datapath with a complex I/Q data rate frequency (fIQ_DATA) = 1500 MSPS, interpolation of 8×, and DAC frequency (fDAC) of 12 GSPS. JRx
mode of 15C (L = 8, M = 8, F = 2, S = 1, K = 128, E = 1, N = 16, NP = 16).
ADC datapath with a complex fIQ_DATA = 3000 MSPS, decimation of 2×, and ADC sample rate (fADC) of 6 GSPS. JTx mode of 18C (L = 8, M = 4,
F = 1, S = 1, K = 128, E = 1, N = 16, NP = 16).
Note that the AD9986 does not have the option to bypass the digital up and down converters in the transmit and receive paths, respectively.
See the UG-1578 for further information on the JESD204B and JESD204C mode configurations, and a detailed description of the settings
referenced throughout this data sheet.
Table 2.
Parameter
Test Conditions/Comments
Min Typ
Max
Unit
CURRENTS
AVDD2 (IAVDD2)
2.0 V supply
195
204
mA
BVDD2 (IBVDD2) + RVDD2 (IRVDD2)
2.0 V supply
290
340
mA
AVDD2_PLL (IAVDD2__PLL) + SVDD2_PLL (ISVDD2__PLL)
2.0 V supply
45
55
mA
Power Dissipation for 2 V Supplies
2.0 V supply total power dissipation
1.06
1.20
W
PLLCLKVDD1 (IPLLCLKVDD1)
1.0 V supply
15
25
mA
AVDD1 (IAVDD1) + DCLKVDD1 (IDCLKVDD1)
1.0 V supply
975
1180
mA
AVDD1_ADC (IAVDD1_ADC)
1.0 V supply
1725
2100
mA
CLKVDD1 (ICLKVDD1)
1.0 V supply
90
150
mA
FVDD1 (IFVDD1)
1.0 V supply
45
80
mA
VDD1_NVG (IVDD1_NVG)
1.0 V supply
280
360
mA
DAVDD1 (IDAVDD1)
1.0 V supply
1575
1840
mA
DVDD1 (IDVDD1)
1.0 V supply
3010
4070
mA
DVDD1_RT (IDVDD1_RT)
1.0 V supply
630
760
mA
SVDD1 (ISVDD1) + SVDD1_PLL (ISVDD1_PLL)
1.0 V supply
1875
2510
mA
Power Dissipation for 1 V Supplies
1.0 V supply total power dissipation
10.22
13.08
W
DVDD1P8 (IDVDD1P8)
1.8 V supply
7
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com