Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9986 Datasheet HTML 29Page - Analog Devices AD9986 Datasheet HTML 30Page - Analog Devices AD9986 Datasheet HTML 31Page - Analog Devices AD9986 Datasheet HTML 32Page - Analog Devices AD9986 Datasheet HTML 33Page - Analog Devices AD9986 Datasheet HTML 34Page - Analog Devices AD9986 Datasheet HTML 35Page - Analog Devices AD9986 Datasheet HTML 36Page - Analog Devices AD9986 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet
AD9986
THEORY OF OPERATION
analog.com
Rev. 0 | 35 of 37
The AD9986 is a highly integrated, mixed-signal, direct RF sam-
pling transceiver offering 4T2R and digital signal processing (DSP)
functions. The device delivers a versatile combination of high per-
formance, configurability, and low power consumption demanded by
wireless infrastructure applications, such as multiband macro 5G
and mm Wave 5G base station radios. The AD9986 offers support
for both time division duplex (TDD) and frequency division duplex
(FDD) modes of operation.
The receive path consists of two pipelined, 12-bit, 6 GSPS rate,
RF ADC cores. The transmit path consists of four 16-bit, 12 GSPS
maximum sample rate, RF DAC cores. Both the receive and trans-
mit paths are designed and optimized to sample and synthesize
signals up to 8 GHz, with maximum instantaneous bandwidths of up
to 1.2 GHz with a sample resolution of 16 bits. The device also sup-
ports lower resolutions such as 12 bits and 8 bits for applications
that do not require high dynamic range. The wide instantaneous
bandwidth allows the chip to support multiple carrier bands or a
single wide band within a single device. The combination of the
direct RF conversion architecture relaxes the requirements of the
RF filters when compared to traditional intermediate frequency (IF)
receivers. Several auxiliary functions, such as fast detect and signal
monitor, programmable FIR filter, transmit downstream power am-
plifier protection, and general-purpose input/output (GPIO) controls
are also integrated.
The DAC and ADC cores use sampling clocks that originate from
either an external clock source or an on-chip clock multiplier that
consists of an integer PLL circuit and voltage-controlled oscillator
(VCO).
The device features eight transmit and eight receive lanes that
support 24.75 Gbps/lane JESD204C or 15.5 Gbps/lane JESD204B
standards in a single or dual link setup. Multichip synchronization
is supported via Subclass 1. The JESD204B/C interface supports
a wide range of setups depending on the interface bandwidth
requirements of the custom application specific IC (ASIC) or field-
programmable gate array (FPGA). Refer to the UG-1578 for more
information on device features and operation.
The AD9986 has an on-chip thermal management unit (TMU) that
can be used to measure die temperature as part of a thermal
management solution to guarantee thermal stability during system
operation. The device is controlled via a standard 4-wire serial
port interface (SPI) with support for 3-wire SPI communications. A
comprehensive set of power-down modes are included to minimize
power consumption during normal use. The AD9986 is packaged
in a 15 mm × 15 mm, thermally enhanced, 324-ball grid array
(BGA_ED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com