Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices AD9986 Datasheet HTML 14Page - Analog Devices AD9986 Datasheet HTML 15Page - Analog Devices AD9986 Datasheet HTML 16Page - Analog Devices AD9986 Datasheet HTML 17Page - Analog Devices AD9986 Datasheet HTML 18Page - Analog Devices AD9986 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 15 of 37
Table 16.
Parameter
Min
Typ
Max
Unit
fIN = 5400 MHz
−76
dBFS
fIN = 6300 MHz
−71
dBFS
fIN = 7200 MHz
−70
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD3, 2fIN1 − fIN2 OR 2fIN2 − fIN1 )
AIN1 AND AIN2 = −7 dBFS
fIN1 = 1775 MHz, fIN2 = 1825 MHz
−84
dBFS
fIN1 = 2675 MHz, fIN2 = 2725 MHz
−86
dBFS
fIN1 = 3575 MHz, fIN2 = 3625 MHz
−75
dBFS
fIN1 = 5375 MHz, fIN2 = 5425 MHz
−67
dBFS
ANALOG BANDWIDTH3
8
GHz
1 Noise density is measured at 250 MHz input frequency at −30 dBFS, where timing jitter does not degrade noise floor.
2 Noise figure is based on a nominal full-scale input power of 4.5 dBm with an input span of 1.5 V p-p and RIN = 100 Ω.
3 Analog input bandwidth is the bandwidth of operation in which the full-scale input frequency response rolls off by −3 dB based on a de-embedded model of the ADC
extracted from the measured frequency response on the AD9986-FMCB-EBZ. This bandwidth requires optimized matching network to achieve this upper bandwidth.
TIMING SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 17.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max Unit
SERIAL PORT INTERFACE (SPI) WRITE OPERATION
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
SCLK = 33 MHz
8
ns
SCLK Clock Low
tPWL
SCLK = 33 MHz
8
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
CLK to CSB Hold Time
tH
4
ns
SPI READ OPERATION
LSB First Data Format
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
8
ns
SCLK Clock Low
tPWL
8
ns
MSB First Data Format
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
15
MHz
SCLK Clock High
tPWH
30
ns
SCLK Clock Low
tPWL
30
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
SCLK to SDIO Data Valid Time
tDV
20
ns
SCLK to SDO Data Valid Time
tDV_SDO
20
ns
CSB to SDIO Output Valid to High-Z
tZ
20
ns
CSB to SDO Output Valid to High-Z
tZ_SDO
20
ns
RESETB
Minimum hold time to trigger a device reset
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com