Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices AD9986 Datasheet HTML 14Page - Analog Devices AD9986 Datasheet HTML 15Page - Analog Devices AD9986 Datasheet HTML 16Page - Analog Devices AD9986 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 13 of 37
Table 15.
Parameter
Test Conditions/Comments
Min Typ
Max Unit
SINGLE SIDEBAND PHASE NOISE OFFSET (PLL DISABLED)
Direct device clock input at 6 dBm
fOUT = 3.6 GHz, fDAC = 12 GSPS, CLKINx Frequency (fCLKIN) = 12 GHz Rohde & Schwarz SMA100B B711 option
1 kHz
−118
dBc/Hz
10 kHz
−129
dBc/Hz
100 kHz
−137
dBc/Hz
600 kHz
−144
dBc/Hz
1.2 MHz
−148
dBc/Hz
1.8 MHz
−149
dBc/Hz
6 MHz
−153
dBc/Hz
SINGLE SIDEBAND PHASE NOISE OFFSET (PLL ENABLED)
Loop filter component values include C1 = 22 nF, R1 =
226 Ω, C2 = 2.2 nF, C3 = 33 nF, and phase detector
frequency (PFD) = 500 MHz
fOUT = 1.8 GHz, fDAC = 12 GSPS, fCLKIN = 0.5 GHz
1 kHz
−106
dBc/Hz
10 kHz
−113
dBc/Hz
100 kHz
−120
dBc/Hz
600 kHz
−127
dBc/Hz
1.2 MHz
−134
dBc/Hz
1.8 MHz
−138
dBc/Hz
6 MHz
−150
dBc/Hz
ADC AC SPECIFICATIONS
Nominal supplies with TA = 25°C. Input amplitude (AIN) = −1 dBFS, full bandwidth mode (all digital downconverters bypassed). For the minimum
and maximum values, TJ = −40°C to +120°C. Specifications represent average of four ADC channels with DACs powered on. See the AN-835
Application Note for definitions and for details on how these tests were completed.
Table 16.
Parameter
Min
Typ
Max
Unit
NOISE DENSITY1
−153
dBFS/Hz
NOISE FIGURE2
25.3
dB
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 450 MHz
56.9
dBFS
fIN = 900 MHz
56.7
dBFS
fIN = 1800 MHz
54.9
dBFS
fIN = 2700 MHz
49.6
52.7
dBFS
fIN = 3600 MHz
52.1
dBFS
fIN = 4500 MHz
50.7
dBFS
fIN = 5400 MHz
50.8
dBFS
fIN = 6300 MHz
49.7
dBFS
fIN = 7200 MHz
48.8
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 450 MHz
56.9
dBFS
fIN = 900 MHz
56.5
dBFS
fIN = 1800 MHz
54.5
dBFS
fIN = 2700 MHz
49.5
52.5
dBFS
fIN = 3600 MHz
51.2
dBFS
fIN = 4500 MHz
50.2
dBFS
fIN = 5400 MHz
49.0
dBFS
fIN = 6300 MHz
48.0
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com