Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices AD9986 Datasheet HTML 14Page - Analog Devices AD9986 Datasheet HTML 15Page - Analog Devices AD9986 Datasheet HTML 16Page - Analog Devices AD9986 Datasheet HTML 17Page - Analog Devices AD9986 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 14 of 37
Table 16.
Parameter
Min
Typ
Max
Unit
fIN = 7200 MHz
47.4
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 450 MHz
9.2
Bits
fIN = 900 MHz
9.1
Bits
fIN = 1800 MHz
8.8
Bits
fIN = 2700 MHz
7.9
8.4
Bits
fIN = 3600 MHz
8.2
Bits
fIN = 4500 MHz
8.05
Bits
fIN = 5400 MHz
7.8
Bits
fIN = 6300 MHz
7.7
Bits
fIN = 7200 MHz
7.6
Bits
SECOND-ORDER HARMONIC DISTORTION (HD2)
fIN = 450 MHz
−78
dBFS
fIN = 900 MHz
−74
dBFS
fIN = 1800 MHz
−71
dBFS
fIN = 2700 MHz
−72
−57
dBFS
fIN = 3600 MHz
−60
dBFS
fIN = 4500 MHz
−62
dBFS
fIN = 5400 MHz
−55
dBFS
fIN = 6300 MHz
−54
dBFS
fIN = 7200 MHz
−54
dBFS
THIRD-ORDER HARMONIC DISTORTION (HD3)
fIN = 450 MHz
−84
dBFS
fIN = 900 MHz
−83
dBFS
fIN = 1800 MHz
−66
dBFS
fIN = 2700 MHz
−68
−62
dBFS
fIN = 3600 MHz
−70
dBFS
fIN = 4500 MHz
−67
dBFS
fIN = 5400 MHz
−63
dBFS
fIN = 6300 MHz
−65
dBFS
fIN = 7200 MHz
−62
dBFS
WORST OTHER, EXCLUDING HD2, HD3, AND INTERLEAVING SPURS
fIN = 450 MHz
−90
dBFS
fIN = 900 MHz
−91
dBFS
fIN = 1800 MHz
−86
dBFS
fIN = 2700 MHz
−83
−61
dBFS
fIN = 3600 MHz
−81
dBFS
fIN = 4500 MHz
−78
dBFS
fIN = 5400 MHz
−78
dBFS
fIN = 6300 MHz
−76
dBFS
fIN = 7200 MHz
−75
dBFS
DIGITAL COUPLING SPUR (fIN ± fS/4)
fIN = 450 MHz
−92
dBFS
fIN = 900 MHz
−88
dBFS
fIN = 1800 MHz
−81
dBFS
fIN = 2700 MHz
−81
dBFS
fIN = 3600 MHz
−78
dBFS
fIN = 4500 MHz
−74
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com