Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices AD9986 Datasheet HTML 14Page - Analog Devices AD9986 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 11 of 37
CMOS PIN SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C, 1.7 V ≤ DVDD1P8 ≤ 2.1 V, other supplies nominal, unless otherwise noted.
Table 14.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUTS
SDIO, SCLK, CSB, RESETB, RXEN0, RXEN1, TXEN0,
TXEN1, SYNC0INB±, SYNC1INB±, and GPIOx
Logic 1 Voltage
VIH
0.70 ✕ DVDD1P8
V
Logic 0 Voltage
VIL
0.3 ✕ DVDD1P8
V
Input Resistance
40
kΩ
OUTPUTS
SDIO, SDO, GPIOx, ADCx_FDx, ADCx_SMONx,
SYNC0OUTB±, and SYNC1OUTB±, 4 mA load
Logic 1 Voltage
VOH
DVDD1P8 − 0.45
V
Logic 0 Voltage
VOL
0.45
V
INTERRUPT OUTPUTS
IRQB_0 and IRQB_1, pull-up resistor of 5 kΩ to
DVDD1P8
Logic 1 Voltage
VOH
1.35
V
Logic 0 Voltage
VOL
0.48
V
DAC AC SPECIFICATIONS
Nominal supplies with TA = 25°C. Specifications represent the average of all four DAC channels with the DAC IOUTFS = 26 mA, unless otherwise
noted.
Table 15.
Parameter
Test Conditions/Comments
Min Typ
Max Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Single-Tone, fDAC = 12 GSPS
−7 dBFS digital back off, shuffle enabled, 15C mode
Output Frequency (fOUT) = 70 MHz
63
80
dBc
fOUT = 100 MHz
77
dBc
fOUT = 500 MHz
76
dBc
fOUT = 900 MHz
77
dBc
fOUT = 1900 MHz
61
79
dBc
fOUT = 2600 MHz
75
dBc
fOUT = 3700 MHz
69
dBc
fOUT = 4500 MHz
68
dBc
Single-Tone, fDAC = 9 GSPS
−7 dBFS digital back off, shuffle enabled, 15C mode
fOUT = 100 MHz
78
dBc
fOUT = 500 MHz
78
dBc
fOUT = 900 MHz
77
dBc
fOUT = 1900 MHz
80
dBc
fOUT = 2600 MHz
80
dBc
fOUT = 3700 MHz
72
dBc
Single-Tone, fDAC = 6 GSPS
−7 dBFS digital back off, shuffle enabled, 15C mode
fOUT = 100 MHz
84
dBc
fOUT = 500 MHz
81
dBc
fOUT = 900 MHz
82
dBc
fOUT = 1900 MHz
81
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com