Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 5 Page - Analog Devices

  AD9986 Datasheet HTML 1Page - Analog Devices AD9986 Datasheet HTML 2Page - Analog Devices AD9986 Datasheet HTML 3Page - Analog Devices AD9986 Datasheet HTML 4Page - Analog Devices AD9986 Datasheet HTML 5Page - Analog Devices AD9986 Datasheet HTML 6Page - Analog Devices AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 37
Table 2.
Parameter
Test Conditions/Comments
Min Typ
Max
Unit
Total Power Dissipation
Total power dissipation of 2 V and 1 V supplies
11.29
14.30
W
DAC DC SPECIFICATIONS
Nominal supplies with DAC output full-scale current (IOUTFS) = 26 mA, unless otherwise noted. ADC setup in 6 GSPS, full bandwidth mode (all
digital downconverters bypassed). For the minimum and maximum values, TJ = −40°C to +120°C, and for the typical values, TA = 25°C, which
corresponds to TJ = 80°C, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min Typ
Max
Unit
DAC RESOLUTION
16
Bit
DAC ACCURACY
Gain Error
1.5
%FSR
Gain Matching
0.7
%FSR
Integral Nonlinearity (INL)
Shuffling disabled
8.0
LSB
Differential Nonlinearity (DNL)
Shuffling disabled
3.5
LSB
DAC ANALOG OUTPUTS
DACxP and DACxN
Full-Scale Output Current Range
AC coupling, setting resistance (RSET) = 5 kΩ
AC Coupling
Output common-mode voltage (VCM) = 0 V
6.4
3
26.5
37.75
mA
DC Coupling
50 Ω shunt to a negative supply, forcing VCM = 0 V
6.4
3
37.75
mA
50 Ω shunt to GND, forcing VCM = 0.3 V
6.4
3
201
mA
Full-Scale Sinewave Output Power with AC Coupling2
Ideal 2:1 balun interface to 50 Ω
IOUTFS = 26 mA
3.3
dBm
IOUTFS = 40 mA
7
dBm
Common-Mode Output Voltage (VCMOUT)
0
V
AC Coupling
Bias each output to GND across a shunt inductor
0
V
DC Coupling
Bias each output to a negative voltage rail across a 25
Ω to 200 Ω resistor, selected such that VCMOUT = 0 V,
VCMOUT = 0.3 V is with a 25 Ω resistor to GND and
IOUTFS = 20 mA
0
0.3
V
Differential Resistance
100
Ω
1 For dc-coupled applications, the maximum full-scale output current is limited by the maximum VCMOUT specification.
2 The actual measured full-scale power is frequency dependent due to DAC sinc response, impedance mismatch loss, and balun insertion loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com