Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9986 Datasheet HTML 3Page - Analog Devices AD9986 Datasheet HTML 4Page - Analog Devices AD9986 Datasheet HTML 5Page - Analog Devices AD9986 Datasheet HTML 6Page - Analog Devices AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 37
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK OUTPUTS (ADC CLOCK DRIVER)
ADCDRVP and ADCDRVN
Differential Output Voltage Magnitude2
1.5 GHz
740
mV p-p
2.0 GHz
690
mV p-p
3 GHz
640
mV p-p
6 GHz
490
mV p-p
Differential Output Resistance
100
Ω
Common-Mode Voltage
AC-coupled
0.5
V
1 The minimum direct clock frequency is limited by the minimum DAC (core) sample rate, as specified in Table 6. The clock receiver can accommodate the full range
between the minimum PLL reference clock frequency and the maximum direct clock frequency.
2 Measured with differential 100 Ω load and less than 2 mm of printed circuit board (PCB) trace from package ball.
DAC AND ADC SAMPLE RATE SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply. For the typical values, TA = 25°C,
which corresponds to TJ = 80°C, unless otherwise noted.
Table 6. DAC Sample Rate Specifications
Parameter
Min
Typ
Max
Unit
DAC SAMPLE RATE1
Minimum
2.9
GSPS
Maximum
12
GSPS
1 Pertains to the update rate of the DAC core, independent of datapath and JESD204 mode configuration.
Table 7. ADC Sample Rate Specifications
Parameter
Min
Typ
Max
Unit
ADC SAMPLE RATE1
Minimum
1.45
GSPS
Maximum
6
GSPS
Aperture Jitter2
65
fs rms
1 Pertains to the update rate of the ADC core, independent of datapath and JESD204 mode configuration.
2 Measured using a signal-to-noise ratio (SNR) degradation method with the DAC disabled, clock divider = 1, fADC = 4 GSPS, and input frequency (fIN) = 5.55 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com