Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9986 Datasheet HTML 14Page - Analog Devices AD9986 Datasheet HTML 15Page - Analog Devices AD9986 Datasheet HTML 16Page - Analog Devices AD9986 Datasheet HTML 17Page - Analog Devices AD9986 Datasheet HTML 18Page - Analog Devices AD9986 Datasheet HTML 19Page - Analog Devices AD9986 Datasheet HTML 20Page - Analog Devices AD9986 Datasheet HTML 21Page - Analog Devices AD9986 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Data Sheet
AD9986
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 18 of 37
A
1
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
SERDOUT7– SERDOUT7+
SERDOUT6– SERDOUT6+
SERDOUT5– SERDOUT5+
SERDOUT4– SERDOUT4+
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DVDD1_
RT
DVDD1_
RT
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VNN1
VNN1
VNN1
BVNN2
BVDD3
VDD1_
NVG
NVG1_
OUT
GND
GND
GND
GND
GND
GND
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
RVDD2
CLKVDD1
FVDD1
VDD1_
NVG
NVG1_
OUT
VNN1
VNN1
BVDD2
BVDD2
BVDD2
BVDD2
VNN1
BVNN2
BVDD3
RVDD2
DAVDD1
DAVDD1
DVDD1_
RT
CLKVDD1
SVDD2_
PLL
SVDD1_
PLL
SVDD1_
PLL
DVDD1P8
DAC0N
DAC1N
DAC2N
DAC3N
DAC0P
DAC1P
DAC2P
DAC3P
ISET
ADCDRVN
DNC
VCO_
VREG
TMU_
REFP
TMU_
REFN
NC
NC
NC
NC
DNC
ADC0N
ADC0P
ADC1N
ADC1P
VCO_
COARSE
VCO_
FINE
VCO_
VCM
DCLKVDD1
TDP
TDN
CLKINP
CLKINN
SDIO
CSB
RESETB
DVDD1P8
RXEN0
RXEN1
TXEN1
TXEN0
ADC0_
SMON0
ADC0_
SMON1
ADC0_
FD1
ADC0_
FD0
ADC1_
SMON1
ADC1_
SMON0
ADC1_FD0
ADC1_FD1
GPIO0
GPIO10
GPIO1
GPIO2
GPIO3
GPIO6
GPIO7
GPIO8
GPIO9
SDO
SCLK
GPIO5
GPIO4
SERDIN0+
SERDIN1+
SERDIN2+
SERDIN3+
SERDIN4+
SERDIN5+
SERDIN6+
SERDIN7+
SERDIN0–
SERDIN1–
SERDIN2–
SERDIN3–
SERDIN4–
SERDIN5–
SERDIN6–
SERDIN7–
SYSREFP
SYSREFN
SVDD1
SVDD1
SVDD1
SVDD1
SVDD1
SVDD1
SVDD1
SVDD1
DNC
DNC
DNC
DNC
SVDD1
SVDD1
SVDD1
SVDD1
DVDD1
DVDD1
DVDD1
DVDD1
DVDD1
DVDD1
DVDD1
DVDD1P8
AVDD2
AVDD2
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
AVDD2
AVDD2_
PLL
AVDD2
AVDD2
AVDD2
AVDD1_
ADC
AVDD1_
ADC
AVDD1
AVDD1
AVDD1
AVDD1
AVDD1
FVDD1
DAVDD1
DAVDD1
AVDD1_
ADC
AVDD1_
ADC
DVDD1_
RT
PLLCLKVDD1
DVDD1
DVDD1
DVDD1
SVDD1
SVDD1
SVDD1
SYNC0INB–
SYNC0INB+
SYNC1INB+
SYNC0OUTB+
SYNC1OUTB+
SYNC0OUTB–
SYNC1OUTB–
SYNC1INB–
SERDOUT0+
SERDOUT0–
SERDOUT1+
SERDOUT1–
SERDOUT2+
SERDOUT2–
SERDOUT3+
SERDOUT3–
VCM1
VCM0
ADCDRVP
IRQB_0
IRQB_1
AD9986
TOP VIEW
(Not to Scale)
GND
ANALOG
GROUND
GND
DIGITAL
GROUND
GND
SERDES
GROUND
Figure 5. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
POWER SUPPLIES
A2, E2, H2, L2, P2, V2
AVDD2
Input
Analog 2.0 V Supply Inputs for DAC.
L3
AVDD2_PLL
Input
Analog 2.0 V Supply Input for Clock PLL Linear Dropout
Regulator (LDO).
D7, E7, P7, R7
BVDD2
Input
Analog 2.0 V Supply Inputs for ADC Buffer.
B11, U11
RVDD2
Input
Analog 2.0 V Supply Inputs for ADC Reference.
J5
PLLCLKVDD1
Input
Analog 1.0 V Supply Input for Clock PLL.
D2 to D4, E3, F3, N3, P3, R2 to R4
AVDD1
Input
Analog 1.0 V Supply Inputs for DAC Clock.
G7, G8, M7, M8
AVDD1_ADC
Input
Analog 1.0 V Supply Inputs for ADC.
G6, M6
CLKVDD1
Input
Analog 1.0 V Supply Inputs for ADC Clock.
D6, R6
FVDD1
Input
Analog 1.0 V Supply Inputs for ADC Reference.
D10, R10
VDD1_NVG
Input
Analog 1.0 V Supply Inputs for Negative Voltage Generator
(NVG) Used to Generate −1 V Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com