Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9986 Datasheet HTML 22Page - Analog Devices AD9986 Datasheet HTML 23Page - Analog Devices AD9986 Datasheet HTML 24Page - Analog Devices AD9986 Datasheet HTML 25Page - Analog Devices AD9986 Datasheet HTML 26Page - Analog Devices AD9986 Datasheet HTML 27Page - Analog Devices AD9986 Datasheet HTML 28Page - Analog Devices AD9986 Datasheet HTML 29Page - Analog Devices AD9986 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet
AD9986
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 26 of 37
Figure 24. DAC0 Fundamental Output Power vs. fOUT Across fDAC, at 0
dBFS Digital Back-Off, Measured on a Laboratory Evaluation Board, the
AD9986-FMCB-EBZ has a Different PCB Layout that can Result in a Different
Frequency Response when Compared to a Laboratory Evaluation Board
Figure 25. Single Sideband Phase Noise vs. Frequency Offset for Different
Clock Input Power (PCLK ), fOUT = 1.8 GHz, External 12 GHz Clock Input with
Clock PLL Disabled
Figure 26. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT over
fDAC, Shuffle On, 16-Bit Resolution, 15C Mode
Figure 27. Single Sideband Phase Noise vs. Frequency Offset for Different
PLL Reference Clocks (fREF), fOUT = 1.8 GHz, fDAC = 12 GSPS, PLL Enabled
with Exception of External 12 GHz Clock Input
with Clock PLL Disabled
Figure 28. Single Sideband Phase Noise vs. Frequency Offset for Different
DAC Output Frequencies (fOUT), External 12 GHz Clock Input with Clock PLL
Disabled
Figure 29. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT over
fDAC, 12-Bit Resolution, Shuffle On, 24C Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com