Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9986 Datasheet HTML 5Page - Analog Devices AD9986 Datasheet HTML 6Page - Analog Devices AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 9 of 37
NCO FREQUENCY SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM NUMERICALLY CONTROLLED OSCILLATOR (NCO) CLOCK
RATE
Fine Digital Up Converter (FDUC) NCO
1.5
GHz
Course Digital Up Converter (CDUC) NCO
12
GHz
Fine Digital Down Converter (FDDC) NCO
1.5
GHz
Course Digital Down Converter (CDDC) NCO
6
GHz
MAXIMUM NCO SHIFT FREQUENCY RANGE
FDUC NCO
Channel interpolation rate must be > 1×
−750
+750
MHz
CDUC NCO
fDAC = 12 GHz, main interpolation rate must be > 1×
−6
+6
GHz
FDDC NCO
Channel decimation rate must be > 1×
−750
+750
MHz
CDDC NCO
fADC = 6 GHz, main decimation rate must be > 1×
−3
+3
GHz
MAXIMUM FREQUENCY SPACING BETWEEN CHANNELIZER
CHANNELS
Transmitter FDUC Channels
Maximum FDUC NCO clock rate × 0.81
1200
MHz
Receiver FDDC Channels
Maximum FDDC NCO clock rate × 0.8142
1221
MHz
1 The 0.8 factor is because the total complex pass band of the first interpolation filter is 80% of the filter input data rate.
2 The 0.814 factor is because the total complex pass band of the decimation filter is 81.4% of the filter output data rate.
JESD204B AND JESD204C INTERFACE ELECTRICAL AND SPEED SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, and for the typical values, TA =
25°C, which corresponds to TJ = 80°C, unless otherwise noted.
Table 10. Serial Interface Rate Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
JESD204B SERIAL INTERFACE RATE
Serial lane rate (bit repeat option disabled)
1.0
15.5
Gbps
Unit Interval
64.5
1000.0
ps
JESD204C SERIAL INTERFACE RATE
Serial lane rate (bit repeat option disabled)
6.0
24.75
Gbps
Unit Interval
40.4
166.67
ps
Table 11. JESD204 Receiver Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
JESD204B/C DATA INPUTS
SERDINx±, where x = 0 to 7
Standards Compliance
JESD204B and JESD204C
Differential Voltage, RVDIFF
800
mV p-p
Differential Impedance, ZRDIFF
At dc
98
Ω
Termination Voltage, VTT
AC-coupled
0.97
V
SYNCxOUTB± OUTPUTS1
Where x = 0 or 1
Output Differential Voltage, VOD
Driving 100 Ω differential load
400
mV
Output Offset Voltage, VOS
DVDD1P8/2 + 0.2
V
SYNCxOUTB+ OUTPUT
CMOS output option
Refer to the CMOS Pin Specifications section
1 IEEE 1596.3 standard LVDS compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com