Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9986 Datasheet HTML 16Page - Analog Devices AD9986 Datasheet HTML 17Page - Analog Devices AD9986 Datasheet HTML 18Page - Analog Devices AD9986 Datasheet HTML 19Page - Analog Devices AD9986 Datasheet HTML 20Page - Analog Devices AD9986 Datasheet HTML 21Page - Analog Devices AD9986 Datasheet HTML 22Page - Analog Devices AD9986 Datasheet HTML 23Page - Analog Devices AD9986 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Data Sheet
AD9986
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 20 of 37
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ANALOG INPUTS
A10, A9
ADC0P, ADC0N
Input
ADC0 Differential Inputs with Internal 100 Ω Differential
Resistor. Leave these pins floating if unused.
V10, V9
ADC1P, ADC1N
Input
ADC1 Differential Inputs with Internal 100 Ω Differential
Resistor. Leave these pins floating if unused.
J3
VCO_FINE
Input
On-Chip Device Clock Multiplier and PLL Fine Loop Filter
Input. If the PLL is not in use, leave this pin floating and
disable the PLL via the control registers.
J4
VCO_COARSE
Input
On-Chip Device Clock Multiplier and PLL Coarse Loop Filter
Input. If the PLL is not in use, leave this pin floating and
disable the PLL via the control registers.
K4
VCO_VCM
Input
On-Chip Device Clock Multiplier and VCO Common-Mode
Input. If the PLL is not in use, leave this pin floating and
disable the PLL via the control registers.
N9, N10
TDP, TDN
Input
Anode and Cathode of Temperature Diodes. This feature is not
supported. Tie TDP and TDN to GND.
J1, K1
CLKINP, CLKINN
Input
Differential Clock Inputs with Nominal 100 Ω Termination.
Self bias input requiring ac coupling. When the on-chip clock
multiplier PLL is enabled, this input is the reference clock
input. If the PLL is disabled, an RF clock equal to the DAC
output sample rate is required.
CMOS INPUTS AND OUTPUTS1
G13
CSB
Input
Serial Port Enable Input. Active low.
H13
SCLK
Input
Serial Plot Clock Input.
F13
SDIO
Input/output
Serial Port Bidirectional Data Input/Output.
J13
SDO
Output
Serial Port Data Output.
C12
RESETB
Input
Active Low Reset Input. RESETB places digital logic and
SPI registers in a known default state. RESETB must be
connected to a digital IC that is capable of issuing a reset
signal for the first step in the device initialization process.
E13, D13
RXEN0, RXEN1
Input
Active High ADC and Receive Datapath Enable Inputs.
RXENx is also SPI configurable.
P13, R13
TXEN0, TXEN1
Input
Active High DAC and Transmit Datapath Enable Inputs.
TXENx is also SPI configurable.
D12, D11
ADC0_SMON0,
ADC0_SMON1
Output
ADC0 Signal Monitoring Outputs by Default. Do not connect if
unused.
E12, E11
ADC0_FD0, ADC0_FD1
Output
ADC0 Fast Detect Outputs by Default. Do not connect if
unused.
F12, F11
ADC1_SMON0,
ADC1_SMON1
Output
ADC1 Signal Monitoring Outputs by Default. Do not connect if
unused.
G12, G11
ADC1_FD0, ADC1_FD1
Output
ADC1 Fast Detect Outputs by Default. Do not connect if
unused.
P12, R12
IRQB_0, IRQB_1
Output
Interrupt Request 0 and 1 Outputs. These pins are an
open-drain, active low output (CMOS levels with respect to
DVDD1P8). Connect > 5 kΩ pull-up resistor to DVDD1P8 to
prevent these pins from floating when unused.
M11, M12, N11, N12, P11, R11
GPIO0 to GPIO5
Input/output
General-Purpose Input or Output Pins. These pins control
auxiliary functions related to the transmitter datapaths.
K13, L13, M13, N13, T12
GPIO6 to GPIO10
Input/output
General-Purpose Input or Output Pins. These pins control
auxiliary functions related to the receiver datapaths and ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com