Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices AD9986 Datasheet HTML 14Page - Analog Devices AD9986 Datasheet HTML 15Page - Analog Devices AD9986 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 12 of 37
Table 15.
Parameter
Test Conditions/Comments
Min Typ
Max Unit
ADJACENT CHANNEL LEAKAGE RATIO
Single Carrier 20 MHz LTE Downlink Test Vector
−1 dBFS digital back off, 256 QAM
fDAC = 12 GSPS
fOUT = 1840 MHz
77
dBc
fOUT = 2650 MHz
76
dBc
fOUT = 3500 MHz
73
dBc
fDAC = 9 GSPS
fOUT = 1900 MHz
77
dBc
fOUT = 2650 MHz
77
dBc
fDAC = 6 GSPS
fOUT = 750 MHz
79
dBc
fOUT = 1840 MHz
77
dBc
THIRD-ORDER INTERMODULATION DISTORTION (IMD3)
Two tone test, 1 MHz spacing, 0 dBFS digital back off, −6
dBFS per tone
fDAC = 12 GSPS
fOUT = 1900 MHz
−69
−62
dBc
fOUT = 2600 MHz
−72
dBc
fOUT = 3700 MHz
−72
dBc
fDAC = 9 GSPS
fOUT = 1900 MHz
−79
dBc
fOUT = 2600 MHz
−76
dBc
fDAC = 6 GSPS
fOUT = 900 MHz
−79
dBc
fOUT = 1900 MHz
−90
dBc
NOISE SPECTRAL DENSITY (NSD)
0 dBFS, NSD measurement taken at 10% away from
fOUT, shuffle off
Single-Tone, fDAC = 12 GSPS
fOUT = 150 MHz
−168
dBc/Hz
fOUT = 500 MHz
−167
dBc/Hz
fOUT = 950 MHz
−165
dBc/Hz
fOUT = 1840 MHz
−162
dBc/Hz
fOUT = 2650 MHz
−160
dBc/Hz
fOUT = 3700 MHz
−155
dBc/Hz
fOUT = 4500 MHz
−154
dBc/Hz
Single-Tone, fDAC = 9 GSPS
fOUT = 150 MHz
−168
dBc/Hz
fOUT = 500 MHz
−166
dBc/Hz
fOUT = 950 MHz
−164
dBc/Hz
fOUT = 1840 MHz
−160
dBc/Hz
fOUT = 2650 MHz
−158
dBc/Hz
fOUT = 3700 MHz
−154
dBc/Hz
Single-Tone, fDAC = 6 GSPS
fOUT = 150 MHz
−168
dBc/Hz
fOUT = 500 MHz
−165
dBc/Hz
fOUT = 950 MHz
−163
dBc/Hz
fOUT = 1840 MHz
−159
dBc/Hz
fOUT = 2650 MHz
−157
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com