Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9986 Datasheet HTML 21Page - Analog Devices AD9986 Datasheet HTML 22Page - Analog Devices AD9986 Datasheet HTML 23Page - Analog Devices AD9986 Datasheet HTML 24Page - Analog Devices AD9986 Datasheet HTML 25Page - Analog Devices AD9986 Datasheet HTML 26Page - Analog Devices AD9986 Datasheet HTML 27Page - Analog Devices AD9986 Datasheet HTML 28Page - Analog Devices AD9986 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
AD9986
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 25 of 37
Figure 18. IMD3 vs. fOUT over Digital Scale (Mode 17B), 6 GSPS DAC
Sample Rate, Channel Interpolation 1×, Main Interpolation 4×, 15C Mode,
IMD3 is a Two-Tone Test, and the Scale per Tone is 6 dB Lower than the
Reported Digital Scale
Figure 19. IMD3 vs. fOUT over Digital Scale, 12 GSPS DAC Sample Rate,
Channel Interpolation 1×, Main Interpolation 8×, 15C Mode, IMD3 is a Two-
Tone Test, and the Scale per Tone is 6 dB Lower than the Reported Digital
Scale
Figure 20. IMD3 vs. fOUT over fDAC, Digital Scale −7 dBFS, IMD3 is a Two-Tone
Test, and the Scale per Tone is 6 dB Lower than the Reported Digital Scale
Figure 21. IMD3 vs. fOUT over Digital Scale, 9 GSPS DAC Sample Rate,
Channel Interpolation 1×, Main Interpolation 6×, 15C Mode, IMD3 is a Two-
Tone Test, and the Scale per Tone is 6 dB Lower than the Reported Digital
Scale
Figure 22. IMD3 vs. fOUT over Digital Scale, 12 GSPS DAC Sample Rate,
Channel Interpolation 4×, Main Interpolation 8×, 16B Mode, IMD3 is a Two-
Tone Test, and the Scale per Tone is 6 dB Lower than the Reported Digital
Scale
Figure 23. SFDR, Worst In-Band Spurious vs. fOUT over fDAC, with 0 dBFS
Tone Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com