Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9986 Datasheet HTML 23Page - Analog Devices AD9986 Datasheet HTML 24Page - Analog Devices AD9986 Datasheet HTML 25Page - Analog Devices AD9986 Datasheet HTML 26Page - Analog Devices AD9986 Datasheet HTML 27Page - Analog Devices AD9986 Datasheet HTML 28Page - Analog Devices AD9986 Datasheet HTML 29Page - Analog Devices AD9986 Datasheet HTML 30Page - Analog Devices AD9986 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Data Sheet
AD9986
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 27 of 37
Figure 30. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT,
Shuffle Off vs. Shuffle On, fDAC = 11796.48 MSPS, 16-Bit Resolution, 15C
Mode
Figure 31. Dual Band ACLR Performance for Two 20 MHz LTE carriers at
fOUT = 1.88 GHz and fOUT = 2.145 GHz (See Figure 32 for a Wideband Plot),
Showing a Close Up of One Carrier at fOUT = 1.88 GHz, fDAC = 11.796 GSPS,
Test Vector PAR = 7.7 dB with −1 dBFS Back Off, Channel Interpolation 3×,
Main Interpolation 8×, 9C Mode
Figure 32. Dual Band Wideband Plot for Two 20 MHz LTE Carriers at fOUT
= 1.88 GHz and fOUT = 2.145 GHz (3GPP Bands, B1 and B3, Respectively),
at fDAC = 11.796 GSPS, Test Vector PAR = 7.7 dB with −1 dBFS Back Off ,
Channel Interpolation 3×, Main Interpolation 8×, 9C Mode
Figure 33. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT,
Shuffle Off vs. Shuffle On, fDAC = 11796.48 MSPS, 12-Bit Resolution, 24C
Mode
Figure 34. Dual Band ACLR Performance for two 20 MHz LTE carriers at
fOUT = 1.88 GHz and fOUT = 2.145 GHz (See Figure 32 for a Wideband Plot),
Showing a Close-up of One Carrier at fOUT = 2.145 GHz, fDAC = 11.796 GSPS,
Test Vector PAR = 7.7 dB with −1 dBFS Back Off, Channel Interpolation 3×,
Main Interpolation 8×, 9C Mode
Figure 35. Adjacent Channel Leakage Ratio (ACLR) Performance for 100 MHz
5G Test Vector at fOUT = 3.9 GHz and fDAC = 11.898 GSPS, Test Vector Peak to
RMS = 11.7 dB with −1 dBFS Back Off (9C Mode), Channel Interpolation 3×,
Main Interpolation 8×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com