Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9986 Datasheet HTML 4Page - Analog Devices AD9986 Datasheet HTML 5Page - Analog Devices AD9986 Datasheet HTML 6Page - Analog Devices AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 37
INPUT DATA RATES SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 8.
Parameter1 2
Test Conditions/Comments
Min
Typ
Max
Unit
MAXIMUM DATA RATE PER NUMBER OF ACTIVE
DAC OUTPUTS
Single DAC, FDUC and CDUC bypassed (1× interpolation), 16-bit resolution;
limited by the maximum DAC clock rate
12000
MSPS
Quad DAC, FDUC and CDUC bypassed (1× interpolation), 12-bit resolution;
limited by the maximum JESD204C link throughput (M = 4, L = 8)
4000
MSPS
MAXIMUM COMPLEX (I/Q) DATA RATE PER
NUMBER OF ACTIVE INPUT DATA CHANNELS
1 channel: FDUC bypassed, 1 CDUC enabled, 12-bit or 16-bit resolution;
limited by the maximum CDUC NCO clock rate
6000
MSPS
2 channels: FDUC bypassed, 2 CDUCs enabled, 12-bit resolution; limited by
the maximum JESD204C link throughput (M = 4, L = 8)
4000
MSPS
4 channels: FDUC bypassed, 4 CDUCs enabled, 12-bit resolution; limited by
the maximum JESD204C link throughput (M = 8, L = 8)
2000
MSPS
8 channels: 8 FDUCs enabled, one or more CDUC enabled, 12-bit or 16-bit
resolution; limited by the maximum FDUC NCO clock rate divided by the
minimum 2x interpolation rate required to enable the FDUC
750
MSPS
1 The values listed for these parameters are the maximum possible when considering all JESD204 modes of operation. Some modes are more limiting, based on other
parameters.
2 The interpolation filters in the Tx datapath have a total complex filter bandwidth of 80% of the data rate, combining the 40% bandwidth in the I path and 40% bandwidth in
the Q path. Similarly, the decimation stages inside the Rx datapath use filters with a total complex filter bandwidth of 81.4%. Therefore, the maximum allowed instantaneous
complex signal bandwidth (iBW) per channel is calculated as iBW = [Complex I/Q Data Rate per Channel] × [Total Complex Filter Bandwidth].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com