Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9986 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9986 Datasheet HTML 6Page - Analog Devices AD9986 Datasheet HTML 7Page - Analog Devices AD9986 Datasheet HTML 8Page - Analog Devices AD9986 Datasheet HTML 9Page - Analog Devices AD9986 Datasheet HTML 10Page - Analog Devices AD9986 Datasheet HTML 11Page - Analog Devices AD9986 Datasheet HTML 12Page - Analog Devices AD9986 Datasheet HTML 13Page - Analog Devices AD9986 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
AD9986
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 37
Table 12. JESD204 Transmitter Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Standards Compliance
JESD204B and JESD204C
Differential Output Voltage
Maximum strength
675
mV p-p
Differential Termination Impedance
80
108
120
Ω
Rise Time, tR
20% to 80% into 100 Ω load
18
ps
Fall Time, tF
20% to 80% into 100 Ω load
18
ps
SYNCxINB± INPUT1
Where x = 0 or 1
Logic Compliance
LVDS
Differential Input Voltage
240
0.7
1900
mV p-p
Input Common-Mode Voltage
DC-coupled
0.675
2
V
RIN (Differential)
18
kΩ
Input Capacitance (Differential)
1
pF
SYNCxINB+ INPUT
CMOS input option
Refer to the CMOS Pin Specifications section
1 IEEE 1596.3 standard LVDS compatible.
Table 13. SYSREF Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSREF+ AND SYSREF− INPUTS
Logic Compliance
LVDS/LVPECL1
Differential Input Voltage
0.7
1.9
V p-p
Input Common-Mode Voltage Range
DC-coupled
0.675
2
V
Input Reference, RIN (Differential)
100
Ω
Input Capacitance (Differential)
1
pF
1 LVDS means low voltage differential signaling and LVPECL means low voltage positive/pseudo emitter-coupled logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com