Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 160Page - STMicroelectronics STM32U575VG Datasheet HTML 161Page - STMicroelectronics STM32U575VG Datasheet HTML 162Page - STMicroelectronics STM32U575VG Datasheet HTML 163Page - STMicroelectronics STM32U575VG Datasheet HTML 164Page - STMicroelectronics STM32U575VG Datasheet HTML 165Page - STMicroelectronics STM32U575VG Datasheet HTML 166Page - STMicroelectronics STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 329 page
background image
Table 45. Current consumption in Sleep mode on SMPS,
Flash memory in power down, VDD = 3.0 V
Parameter
Conditions
Typ at VDD = 3.0 V
Max at VDD = 3.0 V(1)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fMSI,
all peripherals disabled
Range 4
24
0.26
0.40
0.83
1.50
2.80
0.66
1.20
2.20
4.20
8.20
mA
16
0.20
0.33
0.77
1.40
2.80
0.54
0.99
2.10
4.10
8.20
12
0.17
0.31
0.75
1.40
2.75
0.49
0.92
2.10
4.10
8.10
4
0.10
0.24
0.66
1.30
2.70
0.30
0.71
2.00
3.90
8.10
2
0.08
0.22
0.66
1.30
2.65
0.27
0.68
2.00
3.90
8.00
1
0.08
0.22
0.66
1.30
2.65
0.26
0.67
2.00
3.90
8.00
0.4
0.07
0.21
0.65
1.30
2.65
0.26
0.64
2.00
3.90
8.00
0.1
0.07
0.21
0.65
1.30
2.65
0.26
0.65
2.00
3.90
8.00
fHCLK = PLL on HSE 16 MHz
in bypass mode,
all peripherals disabled
Range 1
160
2.50
2.85
3.75
5.05
7.40
4.50
5.00
7.40
13.00
22.00
140
2.25
2.60
3.50
4.75
7.15
4.00
4.60
7.20
12.00
22.00
120
2.05
2.40
3.25
4.55
6.90
3.60
4.20
6.90
12.00
21.00
Range 2
110
1.95
2.25
3.00
4.10
6.05
3.20
3.60
5.70
9.30
17.00
72
1.30
1.55
2.20
3.20
5.10
2.20
2.60
4.80
8.30
16.00
64
1.20
1.45
2.15
3.15
5.00
2.00
2.50
4.70
8.20
16.00
fHCLK = fHSE bypass mode,
all peripherals disabled
Range 3
55
0.92
1.10
1.70
2.55
4.15
1.40
1.90
3.60
6.30
12.00
32
0.70
0.89
1.45
2.30
3.95
1.10
1.60
3.30
6.00
12.00
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com