Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 162Page - STMicroelectronics STM32U575VG Datasheet HTML 163Page - STMicroelectronics STM32U575VG Datasheet HTML 164Page - STMicroelectronics STM32U575VG Datasheet HTML 165Page - STMicroelectronics STM32U575VG Datasheet HTML 166Page - STMicroelectronics STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics STM32U575VG Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 329 page
background image
IDD
(SRAM1)
SMPS(1)
SRAM1 supply current in
Run/Sleep mode (SRAM1PD = 1
versus SRAM1PD = 0)
Range 4
24
0.01
0.03
0.11
0.17
0.43
0.04
0.11
0.34
0.55
1.37
mA
Range 1
160
0.03
0.09 0.24
0.47
0.91
0.13 0.27 0.75
1.47
2.88
Range 2
110
0.02
0.07 0.20
0.39
0.76
0.09 0.21 0.63
1.23
2.41
Range 3
55
0.02
0.05 0.15
0.31
0.60
0.06 0.16 0.48
0.97
1.91
IDD
(SRAM3)
SRAM3 supply current in
Run/Sleep mode (SRAM3PD = 1
versus SRAM3PD = 0)
Range 4
24
0.03
0.09 0.28
0.53
1.15
0.11
0.28 0.89
1.66
3.62
Range 1
160
0.09
0.22 0.62
1.22
2.38
0.35 0.71 1.96
3.87
7.52
Range 2
100
0.06
0.17 0.51
1.02
1.98
0.24 0.54 1.60
3.22
6.26
Range 3
55
0.04
0.13 0.39
0.80
1.59
0.16 0.40 1.24
2.54
5.01
1. The typical value is measured at VDD = 1.8 V. The maximum value is for 1.71 V ≤ VDD ≤ 3.6 V and is at VDD = 1.71 V in Run/Sleep mode on SMPS.
Table 46. SRAM1/SRAM3 current consumption in Run/Sleep mode with LDO and SMPS (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C 30°C 55°C 85°C 105°C 125°C
Table 47. Static power consumption of Flash banks, when supplied by LDO/SMPS
Symbol
Parameter
Typ
Max
Unit
25°C
55°C
85°C 105°C 125°C
30°C
55°C
85°C 105°C 125°C
IDD
(Flash_Bank1)
(1)
Flash bank 1 static consumption in normal mode
(PD1 = 1 versus PD1 = 0)
45.0
50.0
50.0
50.0
100.0
100.0 100.0 100.0
100.0
150.0
µA
IDD
(Flash_Bank2)
(1)
Flash bank 2 static consumption in normal mode
(PD2 = 1 versus PD2 = 0)
45.0
50.0
50.0
50.0
100.0
100.0 100.0 100.0
100.0
150.0
IDD
(Flash_Bank_LPM)
(2)
One Flash bank additional static consumption in
normal mode versus low-power mode
(LPM = 0 versus LPM = 1)
25.0
25.0
25.0
25.0
50.0
40.0
40.0
40.0
40.0
70.0
1. When one bank is in power down, this consumption is saved. When Flash memory is in power down in Sleep mode (SLEEP_PD =1 ), Bank 1 and Bank 2 are in
power down.
2. If no bank is in power-down, the Flash memory additional static consumption in normal mode versus low-power mode is 2 x IDD(Flash_Bank_LPM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com