Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 166Page - STMicroelectronics STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics STM32U575VG Datasheet HTML 170Page - STMicroelectronics STM32U575VG Datasheet HTML 171Page - STMicroelectronics STM32U575VG Datasheet HTML 172Page - STMicroelectronics STM32U575VG Datasheet HTML 173Page - STMicroelectronics STM32U575VG Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 329 page
background image
Table 51. Current consumption during wakeup from Stop 1 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Stop 1)
Electrical charge consumed during wakeup from
Stop 1 mode
Wakeup clock is MSI 24 MHz
3.0
2.08
nAs
Wakeup clock is HSI 16 MHz
2.03
Wakeup clock is MSI 1 MHz
4.80
Table 52. Current consumption in Stop 1 mode on SMPS
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C
IDD(Stop 1)
Supply current in Stop 1 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
54.5
160
535
1050
2100
200
480
1700
3200
6300
µA
2.4
38.5
115
350
890
1650
140
350
1100
2700
5000
3.0
39.5
115
340
685
1400
150(2)
350
1100
2100
4200
3.3
37.0
105
315
640
1300
140
320
950
2000
3900
3.6
35.5
100
295
600
1200
130
300
890
1800
3600
Supply current in Stop 1 mode,
RTC disabled,
All SRAMs retained
1.8
61.5
175
515
1200
2350
230
530
1600
3600
7100
2.4
43.5
125
390
930
1850
160
380
1200
2800
5600
3.0
44.0
125
370
770
1550
160
380
1200
2400
4700
3.3
41.5
115
345
705
1400
150
350
1100
2200
4200
3.6
39.5
110
325
665
1350
150
330
980
2000
4100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com