Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics STM32U575VG Datasheet HTML 170Page - STMicroelectronics STM32U575VG Datasheet HTML 171Page - STMicroelectronics STM32U575VG Datasheet HTML 172Page - STMicroelectronics STM32U575VG Datasheet HTML 173Page - STMicroelectronics STM32U575VG Datasheet HTML 174Page - STMicroelectronics STM32U575VG Datasheet HTML 175Page - STMicroelectronics STM32U575VG Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 329 page
background image
Table 53. Current consumption during wakeup from Stop 1 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Stop 1)
Electrical charge consumed during wakeup from
Stop 1 mode
Wakeup clock is MSI 24 MHz
3.0
1.10
nAs
Wakeup clock is HSI 16 MHz
0.38
Wakeup clock is MSI 1 MHz
1.33
Table 54. Current consumption in Stop 2 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C
IDD(Stop 2)
Supply current in Stop 2 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
8.90
23.5
70.0
145
305
33.0
71.0
210.0
440.0
920.0
µA
2.4
8.90
23.5
70.5
145
310
33.0
71.0
220.0
440.0
930.0
3.0
9.05
24.0
71.5
150
315
33.0(2)
72.0
220.0
450.0
950.0
3.3
9.30
24.5
73.0
150
320
34.0
74.0
220.0
450.0
960.0
3.6
10.00
26.0
75.5
155
325
37.0
78.0
230.0
470.0
980.0
Supply current in Stop 2 mode,
RTC disabled,
All SRAMs retained
1.8
20.00
48.5
145.0
310
680
73.0
150.0
440.0
930.0
2100.0
2.4
20.00
48.5
145.0
315
680
73.0
150.0
440.0
950.0
2100.0
3.0
20.50
48.5
145.0
315
685
74.0
150.0
440.0
950.0
2100.0
3.3
20.50
49.5
150.0
315
690
74.0
150.0
450.0
950.0
2100.0
3.6
22.00
51.0
150.0
320
700
80.0
160.0
450.0
960.0
2100.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com