Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 165Page - STMicroelectronics STM32U575VG Datasheet HTML 166Page - STMicroelectronics STM32U575VG Datasheet HTML 167Page - STMicroelectronics STM32U575VG Datasheet HTML 168Page - STMicroelectronics STM32U575VG Datasheet HTML 169Page - STMicroelectronics STM32U575VG Datasheet HTML 170Page - STMicroelectronics STM32U575VG Datasheet HTML 171Page - STMicroelectronics STM32U575VG Datasheet HTML 172Page - STMicroelectronics STM32U575VG Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 329 page
background image
IDD (Stop 1)
Supply current in Stop 1 mode,
RTC disabled,
All SRAMs retained
1.8
89.0
255
760
1550
3100
330
770
2300
4700
9300
µA
2.4
94.0
265
795
1600
3200
340
800
2400
4800
9600
3.0
100.0
270
815
1650
3300
370
810
2500
5000
9900
3.3
100.0
275
815
1650
3300
370
830
2500
5000
9900
3.6
110.0
275
825
1650
3300
400
830
2500
5000
9900
IDD(Stop 1
with RTC)
Supply current in Stop 1 mode,
RTC(3) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
81.5
240
695
1400
2800
-
-
-
-
-
2.4
88.5
245
730
1450
2900
-
-
-
-
-
3.0
93.0
245
745
1500
2950
-
-
-
-
-
3.3
89.0
250
745
1500
2950
-
-
-
-
-
3.6
87.5
250
755
1500
2950
-
-
-
-
-
Supply current in Stop 1 mode,
RTC(3) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
81.0
240
715
1450
2800
-
-
-
-
-
2.4
81.5
245
720
1450
2800
-
-
-
-
-
3.0
90.5
245
720
1450
2800
-
-
-
-
-
3.3
83.5
245
725
1450
2800
-
-
-
-
-
3.6
94.0
255
730
1450
2850
-
-
-
-
-
Supply current in Stop 1 mode,
RTC(3) clocked by LSE quartz in
medium low-drive mode,
LSESYSEN = 0 in RCC_BDCR,
8-Kbyte SRAM2 + ICACHE
retained
1.8
83.5
245
730
1500
2950
-
-
-
-
-
2.4
84.0
240
730
1500
2950
-
-
-
-
-
3.0
88.0
245
735
1500
2950
-
-
-
-
-
3.3
84.5
245
735
1500
2950
-
-
-
-
-
3.6
84.5
250
740
1500
2950
-
-
-
-
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Tested in production.
3. RTC with default configuration but LPCAL = 1 in RTC_CALR.
Table 50. Current consumption in Stop 1 mode on LDO (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
30°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com